Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 102 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 98Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 99Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 100Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 101Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 102Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 103Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 104Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 105Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 137 page
background image
102
4235K–8051–05/08
AT89C51RD2/ED2
24.7
ISP Protocol Description
24.7.1
Physical Layer
The UART used to transmit information has the following configuration:
• Character: 8-bit data
• Parity: none
• Stop: 2 bits
• Flow control: none
• Baudrate: autobaud is performed by the bootloader to compute the baudrate chosen by the
host.
24.7.2
Frame Description
The Serial Protocol is based on the Intel Hex-type records.
Intel Hex records consist of ASCII characters used to represent hexadecimal values and are
summarized below.
Figure 24-6. Intel Hex Type Frame
• Record Mark:
Record Mark is the start of frame. This field must contain ’:’.
• Reclen:
Reclen specifies the number of bytes of information or data which follows the Record Type field
of the record.
• Load Offset:
Load Offset specifies the 16-bit starting load offset of the data bytes, therefore this field is used
only for Data Program Record (see Section “ISP Commands Summary”).
• Record Type:
Record Type specifies the command type. This field is used to interpret the remaining informa-
tion within the frame. The encoding for all the current record types is described in Section “ISP
Commands Summary”.
• Data/Info:
Data/Info is a variable length field. It consists of zero or more bytes encoded as pairs of hexa-
decimal digits. The meaning of data depends on the Record Type.
• Checksum:
The two’s complement of the 8-bit bytes that result from converting each pair of ASCII hexadec-
imal digits to one byte of binary, and including the Reclen field to and including the last byte of
the Data/Info field. Therefore, the sum of all the ASCII pairs in a record after converting to
binary, from the Reclen field to and including the Checksum field, is zero.
Record
Record
Load
Data
Mark
’:’
Reclen
Offset
Type
or
Info
Checksum
1-byte
1-byte
2-bytes
1-byte
n-bytes
1-byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com