Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 105 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 101Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 102Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 103Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 104Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 105Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 106Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 107Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 108Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 109Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 137 page
background image
105
4235K–8051–05/08
AT89C51RD2/ED2
24.9.4
Command Data Stream Protocol
All commands are sent using the same flow. Each frame sent by the host is echoed by the
bootloader.
Figure 24-8. Command Flow
4800
OK
-
OK
OK
OK
OK
OK
OK
OK
9600
OK
-
OK
OK
OK
OK
OK
OK
OK
19200
OK
-
OK
OK
OK
-
-
OK
OK
38400
-
-
OK
OK
-
OK
OK
OK
57600
-
-
-
-
OK
-
-
-
OK
115200
-
-
-
-
-
-
-
-
OK
Frequency
(MHz)
Baudrate (kHz)
8
10
11.0592
12
14.746
16
20
24
26.6
2400
OK
OK
OK
OK
OK
OK
OK
OK
OK
4800
OK
OK
OK
OK
OK
OK
OK
OK
OK
9600
OK
OK
OK
OK
OK
OK
OK
OK
OK
19200
OK
OK
OK
OK
OK
OK
OK
OK
OK
38400
-
-
OK
OK
OK
OK
OK
OK
OK
57600
-
-
OK
-
OK
OK
OK
OK
OK
115200
-
-
OK
-
OK
-
-
-
-
Table 24-8.
Autobaud Performances (Continued)
Frequency
(MHz)
Baudrate (kHz)
1.8432
2
2.4576
3
3.6864
4
5
6
7.3728
Bootloader
":"
Sends First Character of the
Frame
If (not received ":")
Sends Frame (made of 2 ASCII
Gets Frame, and Sends Back Echo
for Each Received Byte
Host
Else
":"
Sends Echo and Start
Reception
Characters Per Byte)
Echo Analysis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com