Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 83 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 79Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 80Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 81Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 82Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 83Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 84Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 85Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 86Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 137 page
background image
83
4235K–8051–05/08
AT89C51RD2/ED2
18.4
Registers
Table 18-2.
PCON Register
PCON (S87:h) Power configuration Register
Reset Value= XXXX 0000b
7
6
5
4
3
2
1
0
-
-
-
-
GF1
GF0
PD
IDL
Bit Number
Bit
Mnemonic
Description
7-4
-
Reserved
The value read from these bits is indeterminate. Do not set these bits.
3
GF1
General Purpose flag 1
One use is to indicate whether an interrupt occurred during normal operation or during
Idle mode.
2
GF0
General Purpose flag 0
One use is to indicate whether an interrupt occurred during normal operation or during
Idle mode.
1
PD
Power-Down Mode bit
Cleared by hardware when an interrupt or reset occurs.
Set to activate the Power-Down mode.
If IDL and PD are both set, PD takes precedence.
0
IDL
Idle Mode bit
Cleared by hardware when an interrupt or reset occurs.
Set to activate the Idle mode.
If IDL and PD are both set, PD takes precedence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com