Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 20Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 21Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 22Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 23Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 24Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 25Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 26Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 27Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 137 page
background image
24
4235K–8051–05/08
AT89C51RD2/ED2
part of the available XRAM as explained in Table 9-1. This can be useful if external
peripherals are mapped at addresses already used by the internal XRAM.
• With EXTRAM = 0, the XRAM is indirectly addressed, using the MOVX instruction in
combination with any of the registers R0, R1 of the selected bank or DPTR. An access to
XRAM will not affect ports P0, P2, P3.6 (WR) and P3.7 (RD). For example, with EXTRAM =
0, MOVX @R0, # data where R0 contains 0A0H, accesses the XRAM at address 0A0H
rather than external memory. An access to external data memory locations higher than the
accessible size of the XRAM will be performed with the MOVX DPTR instructions in the same
way as in the standard 80C51, with P0 and P2 as data/address busses, and P3.6 and P3.7
as write and read timing signals. Accesses to XRAM above 0FFH can only be done by the
use of DPTR.
• With EXTRAM = 1, MOVX @Ri and MOVX @DPTR will be similar to the standard
80C51.MOVX @ Ri will provide an eight-bit address multiplexed with data on Port0 and any
output port pins can be used to output higher order address bits. This is to provide the
external paging capability. MOVX @DPTR will generate a sixteen-bit address. Port2 outputs
the high-order eight address bits (the contents of DPH) while Port0 multiplexes the low-order
eight address bits (DPL) with data. MOVX @ Ri and MOVX @DPTR will generate either read
or write signals on P3.6 (WR) and P3.7 (RD).
The stack pointer (SP) may be located anywhere in the 256 bytes RAM (lower and upper RAM)
internal data memory. The stack may not be located in the XRAM.
The M0 bit allows to stretch the XRAM timings; if M0 is set, the read and write pulses are
extended from 6 to 30 clock periods. This is useful to access external slow peripherals.
9.1
Registers
Table 9-1.
AUXR Register
AUXR - Auxiliary Register (8Eh)
7
6
5
4
3
2
1
0
DPU
-
M0
XRS2
XRS1
XRS0
EXTRAM
AO
Bit
Number
Bit
Mnemonic
Description
7
DPU
Disable Weak Pull-up
Cleared by software to activate the permanent weak pull-up (default)
Set by software to disable the weak pull-up (reduce power consumption)
6
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
M0
Pulse length
Cleared to stretch MOVX control: the RD and the WR pulse length is 6 clock periods
(default).
Set to stretch MOVX control: the RD and the WR pulse length is 30 clock periods.
4
XRS2
XRAM Size
XRS2XRS1XRS0XRAM size
0
0
0256 bytes
0
0
1
512 bytes
0
1
0768 bytes(default)
0
1
11024 bytes
1
0
01792 bytes
3
XRS1
2
XRS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com