Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 11Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 12Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 13Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 14Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 15Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 16Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 17Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 18Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 137 page
background image
15
4235K–8051–05/08
AT89C51RD2/ED2
6.
Oscillator
To optimize the power consumption and execution time needed for a specific task, an internal
prescaler feature has been implemented between the oscillator and the CPU and peripherals.
6.1
Registers
Table 6-1.
CKRL Register
CKRL – Clock Reload Register (97h)
Reset Value = 1111 1111b
Not bit addressable
Table 6-2.
PCON Register
PCON – Power Control Register (87h)
Reset Value = 00X1 0000b Not bit addressable
7
6
5
4
3
2
1
0
CKRL7
CKRL6
CKRL5
CKRL4
CKRL3
CKRL2
CKRL1
CKRL0
Bit Number
Mnemonic
Description
7:0
CKRL
Clock Reload Register
Prescaler value
7
6
5
4
3
2
1
0
SMOD1
SMOD0
-
POF
GF1
GF0
PD
IDL
Bit Number
Bit Mnemonic
Description
7
SMOD1
Serial Port Mode bit 1
Set to select double baud rate in mode 1, 2 or 3.
6
SMOD0
Serial Port Mode bit 0
Cleared to select SM0 bit in SCON register.
Set to select FE bit in SCON register.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
POF
Power-off Flag
Cleared by software to recognize the next reset type.
Set by hardware when V
CC rises from 0 to its nominal voltage. Can also be
set by software.
3
GF1
General-purpose Flag
Cleared by software for general-purpose usage.
Set by software for general-purpose usage.
2
GF0
General-purpose Flag
Cleared by software for general-purpose usage.
Set by software for general-purpose usage.
1
PD
Power-down Mode bit
Cleared by hardware when reset occurs.
Set to enter power-down mode.
0
IDL
Idle Mode bit
Cleared by hardware when interrupt or reset occurs.
Set to enter idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com