Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 86 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 82Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 83Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 84Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 85Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 86Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 87Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 88Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 89Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 137 page
background image
86
4235K–8051–05/08
AT89C51RD2/ED2
20. ONCE® Mode (ON- Chip Emulation)
The ONCE mode facilitates testing and debugging of systems using AT89C51RD2/ED2 without
removing the circuit from the board. The ONCE mode is invoked by driving certain pins of the
AT89C51RD2/ED2; the following sequence must be exercised:
• Pull ALE low while the device is in reset (RST high) and PSEN is high.
• Hold ALE low as RST is deactivated.
While the AT89C51RD2/ED2 is in ONCE mode, an emulator or test CPU can be used to drive
the circuit. Table 20-1 shows the status of the port pins during ONCE mode.
Normal operation is restored when normal reset is applied.
Table 20-1.
External Pin Status During ONCE Mode
ALE
PSEN
Port 0
Port 1
Port 2
Port 3
Port I2
XTALA1/2
XTALB1/2
Weak pull-
up
Weak pull-
up
Float
Weak pull-
up
Weak pull-
up
Weak pull-
up
Float
Active
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com