Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 80 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 76Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 77Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 78Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 79Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 80Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 81Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 82Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 83Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 137 page
background image
80
4235K–8051–05/08
AT89C51RD2/ED2
18. Power Management
18.1
Introduction
Two power reduction modes are implemented in the AT89C51RD2/ED2. The Idle mode and the
Power-Down mode. These modes are detailed in the following sections. In addition to these
power reduction modes, the clocks of the core and peripherals can be dynamically divided by 2
using the X2 mode detailed in Section “Enhanced Features”, page 17.
18.2
Idle Mode
Idle mode is a power reduction mode that reduces the power consumption. In this mode, pro-
gram execution halts. Idle mode freezes the clock to the CPU at known states while the
peripherals continue to be clocked. The CPU status before entering Idle mode is preserved, i.e.,
the program counter and program status word register retain their data for the duration of Idle
mode. The contents of the SFRs and RAM are also retained. The status of the Port pins during
Idle mode is detailed in Table 18-1.
18.2.1
Entering Idle Mode
To enter Idle mode, set the IDL bit in PCON register (see Table 18-2). The AT89C51RD2/ED2
enters Idle mode upon execution of the instruction that sets IDL bit. The instruction that sets IDL
bit is the last instruction executed.
Note:
If IDL bit and PD bit are set simultaneously, the AT89C51RD2/ED2 enters Power-Down mode.
Then it does not go in Idle mode when exiting Power-Down mode.
18.2.2
Exiting Idle Mode
There are two ways to exit Idle mode:
1.
Generate an enabled interrupt.
– Hardware clears IDL bit in PCON register which restores the clock to the CPU.
Execution resumes with the interrupt service routine. Upon completion of the
interrupt service routine, program execution resumes with the instruction
immediately following the instruction that activated Idle mode. The general purpose
flags (GF1 and GF0 in PCON register) may be used to indicate whether an interrupt
occurred during normal operation or during Idle mode. When Idle mode is exited by
an interrupt, the interrupt service routine may examine GF1 and GF0.
2.
Generate a reset.
– A logic high on the RST pin clears IDL bit in PCON register directly and
asynchronously. This restores the clock to the CPU. Program execution momentarily
resumes with the instruction immediately following the instruction that activated the
Idle mode and may continue for a number of clock cycles before the internal reset
algorithm takes control. Reset initializes the AT89C51RD2/ED2 and vectors the CPU
to address C:0000h.
Note:
During the time that execution resumes, the internal RAM cannot be accessed; however, it is pos-
sible for the Port pins to be accessed. To avoid unexpected outputs at the Port pins, the instruction
immediately following the instruction that activated Idle mode should not write to a Port pin or to
the external RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com