Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 95 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 91Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 92Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 93Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 94Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 95Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 96Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 97Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 98Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 137 page
background image
95
4235K–8051–05/08
AT89C51RD2/ED2
Table 24-2.
Program Lock Bits
Note:
U: Unprogrammed or "one" level.
P: Programmed or "zero" level.
X: Do not care
WARNING: Security level 2 and 3 should only be programmed after Flash and code verification.
These security bits protect the code access through the parallel programming interface. They
are set by default to level 4. The code access through the ISP is still possible and is controlled
by the "software security bits" which are stored in the extra Flash memory accessed by the ISP
firmware.
To load a new application with the parallel programmer, a chip erase must first be done. This will
set the HSB in its inactive state and will erase the Flash memory. The part reference can always
be read using Flash parallel programming modes.
24.3.3
Default Values
The default value of the HSB provides parts ready to be programmed with ISP:
• BLJB: Programmed force ISP operation.
• X2: Unprogrammed to force X1 mode (Standard Mode).
• XRAM: Unprogrammed to valid XRAM
• LB2-0: Security level four to protect the code from a parallel access with maximum security.
24.3.4
Software Registers
Several registers are used in factory and by parallel programmers. These values are used by
Atmel ISP.
These registers are in the "Extra Flash Memory" part of the Flash memory. This block is also
called "XAF" or eXtra Array Flash. They are accessed in the following ways:
• Commands issued by the parallel memory programmer.
• Commands issued by the ISP software.
• Calls of API issued by the application software.
Several software registers are described in Table 24-3.
Table 24-3.
Default Values
Program Lock Bits
Protection Description
Security
Level
LB0
LB1
LB2
1
U
U
U
No program lock features enabled.
2
P
U
U
MOVC instruction executed from external program memory is disabled from
fetching code bytes from internal memory, EA is sampled and latched on reset,
and further parallel programming of the on chip code memory is disabled.
ISP and software programming with API are still allowed.
3
X
P
U
Same as 2, also verify code memory through parallel programming interface is
disabled.
4
X
X
P
Same as 3, also external execution is disabled (Default).
Mnemonic
Definition
Default value
Description
SBV
Software Boot Vector
FCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com