Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 97 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 93Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 94Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 95Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 96Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 97Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 98Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 99Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 100Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 137 page
background image
97
4235K–8051–05/08
AT89C51RD2/ED2
Table 24-5.
User Memory Lock Bits of the SSB
Note:
X: Do not care
WARNING: Security level 2 and 3 should only be programmed after Flash verification.
24.4
Flash Memory Status
AT89C51RD2/ED2 parts are delivered in standard with the ISP ROM bootloader.
After ISP or parallel programming, the possible contents of the Flash memory are summarized in
Figure 24-1:
Figure 24-1. Flash Memory Possible Contents
24.5
Memory Organization
When the EA pin is high, the processor fetches instructions from internal program Flash. If the
EA pin is tied low, all program memory fetches are from external memory.
24.6
Bootloader Architecture
24.6.1
Introduction
The bootloader manages communication according to a specifically defined protocol to provide
the whole access and service on Flash memory. Furthermore, all accesses and routines can be
called from the user application.
Program Lock Bits
Protection Description
Security
Level
LB0
LB1
1
1
1
No program lock features enabled.
2
0
1
ISP programming of the Flash is disabled.
3
X
0
Same as 2, also verify through ISP programming interface is disabled.
0000h
Virgin
Default
After ISP
After Parallel
Programming
After Parallel
Programming
After Parallel
Programming
Application
Application
Virgin
After ISP
or
Dedicated
ISP
Dedicated
ISP
Application
Virgin
or
Application
Virgin
or
Application
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com