Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 104 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 100Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 101Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 102Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 103Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 104Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 105Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 106Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 107Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 137 page
background image
104
4235K–8051–05/08
AT89C51RD2/ED2
• SBV = FCh
• SSB = FFh
The Full Chip Erase does not affect the bootloader.
24.8.3
Checksum Error
When a checksum error is detected, send ‘X’ followed with CR&LF.
24.9
Flow Description
24.9.1
Overview
An initialization step must be performed after each Reset. After microcontroller reset, the boot-
loader waits for an autobaud sequence (see section ‘Autobaud Performances’).
When the communication is initialized, the protocol depends on the record type requested by the
host.
FLIP, a software utility to implement ISP programming with a PC, is available from the Atmel
web site.
24.9.2
Communication Initialization
The host initializes the communication by sending a ’U’ character to help the bootloader to com-
pute the baudrate (autobaud).
Figure 24-7. Initialization
24.9.3
Autobaud Performances
The ISP feature allows a wide range of baud rates in the user application. It is also adaptable to
a wide range of oscillator frequencies. This is accomplished by measuring the bit-time of a single
bit in a received character. This information is then used to program the baud rate in terms of
timer counts based on the oscillator frequency. The ISP feature requires that an initial character
(an uppercase U) be sent to the AT89C51RD2/ED2 to establish the baud rate. Table show the
autobaud capability.
Host
Bootloader
"U"
Performs Autobaud
Init Communication
If (Not Received "U")
"U"
Communication Opened
Else
Sends Back “U” Character
Table 24-8.
Autobaud Performances
Frequency
(MHz)
Baudrate (kHz)
1.8432
2
2.4576
3
3.6864
4
5
6
7.3728
2400
OK
OK
OK
OK
OK
OK
OK
OK
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com