Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 126 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 126 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 122Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 123Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 124Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 125Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 126Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 127Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 128Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 129Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 130Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 137 page
background image
126
4235K–8051–05/08
AT89C51RD2/ED2
26. Ordering Information
Note:
1. For PLCC68 and VQFP64 packages, please contact Atmel sales office for availability.
Table 26-1.
Possible Order Entries
Part Number
Data EEPROM
Supply Voltage
Temperature
Range
Package
Packing
Product Marking
AT89C51RD2-SLSUM
No
2.7V - 5.5V
Industrial &
Green
PLCC44
Stick
AT89C51RD2-UM
AT89C51RD2-RLTUM
VQFP44
Tray
AT89C51RD2-UM
AT89C51RD2-RDTUM(1)
VQFP64
Tray
AT89C51RD2-UM
AT89C51RD2-SMSUM(1)
PLCC68
Stick
AT89C51RD2-UM
AT89C51ED2-SLSUM
Yes
PLCC44
Stick
AT89C51ED2-UM
AT89C51ED2-RLTUM
VQFP44
Tray
AT89C51ED2-UM
AT89C51ED2- SMSUM
PLCC68
Stick
AT89C51ED2-UM
AT89C51ED2-RDTUM
VQFP64
Tray
AT89C51ED2-UM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com