Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5429-PLSW Datasheet(PDF) 78 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 74Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 75Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 76Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 77Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 78Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 79Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 80Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 81Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 100 page
background image
78
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
4.6
Pulling of radio frequency
fRF due to XTO, CL1 and
C
L2 versus temperature
and supply changes
1.0 pF
≤ C
0 ≤ 2.2 pF
Cm ≤ 14.0 fF
R
m ≤120Ω
PLL adjusted with
FREQ at nominal
temperature and supply
voltage
4, 10
∆f
XTO2
–2+2
ppm
C
4.7
Amplitude XTAL after
start
-up
C
m = 5 fF, C0 = 1.8 pF
Rm =15Ω
V(XTAL1, XTAL2)
peak
-to-peak value
24, 25
V
PPXTAL
700
mVpp
C
V(XTAL1)
peak
-to-peak value
24, 25
VPPXTAL
350
mVpp
C
4.8
Real part of XTO
impedance at start
-up
C
0 ≤ 2.2 pF, small signal
start impedance, this
value is important for
crystal oscillator startup
24, 25
Re
XTO
–2,000
–1,500
Ω
B
4.9
Maximum series
resistance Rm of XTAL
after start
-up
C
0 ≤ 2.2 pF
Cm ≤ 14 fFΩ
24, 25
Rm_max
15
120
Ω
B
4.10
Nominal XTAL load
resonant frequency
f
RF = 315 MHz
fRF = 345 MHz
fRF = 433.92 MHz
f
RF = 868.3 MHz
fRF = 915 MHz
24, 25
fXTAL
12.73193
13.94447
13.25311
13.41191
14.13324
MHz
MHz
MHz
MHz
MHz
D
12. Electrical Characteristics: General (Continued)
This device is manufactured with an industrial (not automotive) grade process and process controls. Although this device may
meet certain automotive grade criteria in performance, Atmel can not recommend that this device be used in any automotive
application.
All parameters refer to GND and are valid for Tamb = 25°C, VVS1 = VVS2 = 3.0V (1-battery application), VVS2 = 6.0V (2-battery application)
and VVS2 = VVAUX = 5.0V (Base-station Application). Typical values are given at fRF = 433.92 MHz unless otherwise specified. Details
about current consumption, timing and digital pin properties can be found in the specific sections of the “Electrical Characteristics”.
No. Parameters
Test Conditions
Pin(1)
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Pin numbers in brackets mean they were measured with RF_IN matched to 50
Ω according to Figure 3-1 on page 11 with
component values according to Table 3-2 on page 12 and RF_OUT matched to 50
Ω according to Figure 3-10 on page 21
with component values according to Table 3-7 on page 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com