Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5429-PLSW Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 19Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 20Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 21Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 22Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 23Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 24Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 25Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 26Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
23
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
Table 3-9 shows the relative changes of the output power of a typical device compared to
3.0V/25°C. As can be seen, a temperature change to –40°C as well as to +85°C reduces the
power by less than 1 dB due to the band gap regulated output current. Measurements of all the
cases in Table 3-7 on page 22 over temperature and supply voltage have shown about the same
relative behavior as shown in Table 3-9.
3.14
RX/TX Switch
The RX/TX switch decouples the LNA from the PA in TX mode, and directs the received power
to the LNA in RX mode. To do this, it has a low impedance to GND in TX mode and a high
impedance to GND in RX mode. To design a proper RX/TX decoupling, a linear simulation tool
for radio frequency design together with the measured device impedances of Table 3-1 on page
11, Table 3-7 on page 22, Table 3-10 and Table 3-11 on page 24 should be used, but the exact
element values have to be found on-board. Figure 3-11 shows an approximate equivalent circuit
of the switch. The principal switching operation is described here according to the application of
Figure 2-1 on page 7. The application of Figure 2.2 on page 8 works similarly.
Figure 3-11. Equivalent Circuit of the Switch
Table 3-9.
Measurements of Typical Output Power Relative to 3V/25°C
VS =
2.4V
3.0V
3.6V
T
amb = –40°C
–2.4 dB
–0.7 dB
0 dB
T
amb = +25°C
–1.6 dB
0 dB
+0.9 dB
T
amb = +85°C
–2.3 dB
–0.7 dB
+0.4 dB
Table 3-10.
Impedance of the RX/TX Switch RX_TX2 Shorted to GND
Frequency
Z(RX_TX1) TX Mode
Z(RX_TX1) RX Mode
315
MHz
(4.8 + j3.2)
Ω
(11.3
– j214)
Ω
345
MHz
(4.7 + j3.4)
Ω
(11.1
– j181)
Ω
433.92
MHz
(4.5 + j4.3)
Ω
(10.3
– j153)
Ω
868.3
MHz
(5 + j9)
Ω
(8.9
– j73)
Ω
915
MHz
(5 + j9.2)
Ω
(9
– j65)
Ω
1.6 nH
2.5 pF
RX_TX1
TX
11
Ω
5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com