Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5429-PLSW Datasheet(PDF) 47 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 43Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 44Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 45Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 46Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 47Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 48Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 49Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 50Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
47
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
7.7
Low Battery Indicator
The status bit Low_Batt is set to “1” if the voltage V
VSOUT on pin VSOUT drops below 2.38V
(typically).
Low_Batt is set to “0” if V
VSOUT exceeds VThres_2 and the status register is read via the 4-wire
serial interface (see Figure 5-3 on page 34).
Figure 7-5.
Timing Status Bit Low_Batt
7.8
Pin VAUX
To switch the transceiver from OFF to AUX mode, the voltage V
VAUX on pin VAUX must exceed
3.5V (typically) (see Figure 7-6 on page 48). If V
VAUX exceeds 2V (typically) pin N_RESET is set
to low, and DVCC and the power supply for external devices VSOUT are switched on.
If V
VAUX exceeds 3.5V (typically) the status bit P_On_Aux is set to “1” and an interrupt is issued.
After the voltage on pin VSOUT exceeds 2.3V (typically) and the start-up time of the XTO is
elapsed, the output clock on pin CLK is available. Because the enabling of pin CLK is asynchro-
nous, the first clock cycle may be incomplete. N_RESET is set to high if V
VSOUT exceeds 2.38V
(typically) and the XTO is settled.
If the transceiver is in any active mode (IDLE, TX, RX, RX_Polling), a positive edge on pin VAUX
and V
VAUX > VS1 + 0.5V sets P_On_Aux to “1”. The state transition P_On_Aux 0 →1 generates
an interrupt. If P_On_Aux is still “1” during the positive edge on pin VAUX no interrupt is issued.
P_On_Aux and the interrupt are deleted after reading the status register.
IDLE, AUX, TX, RX
or
RX Polling Mode
Read Status Register
VVSOUT < 2.38V (typ)
?
Y
N
Low_Batt = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com