Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5429-PLSW Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 26Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 27Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 28Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 29Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 30Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 31Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 32Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 33Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
30
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
5.
Power Supply
Figure 5-1.
Power Supply
The supply voltage range of the ATA5423/ATA5425/ATA5428/ATA5429 is 2.4V to 3.6V or 4.4V
to 6.6V.
Pin VS1 is the supply voltage input for the range 2.4V to 3.6V and is used in 1 Li battery applica-
tions (3V) using a single lithium 3V cell. Pin VS2 is the voltage input for the range 4.4V to 6.6V
(2 Li battery application (6V) and Base-station Application (5V); in this case, the voltage regula-
tor V_REG1 regulates VS1 to typically 3.25V. If the voltage regulator is active, a blocking
capacitor of 2.2 µF has to be connected to VS1.
Pin VAUX is an input for an additional auxiliary voltage supply and can be connected, for exam-
ple, to an inductive supply (see Figure 5-6 on page 36). This input can only be used together
with a rectifier or as in the application shown in Figure 2.2 on page 8 and must otherwise be left
open.
Pin VSINT is the voltage input for the Microcontoller_Interface and must be connected to the
power supply of the microcontroller. The voltage range of V
VSINT is 2.4V to 5.25V (see Figure 5-5
on page 35 and Figure 5-6 on page 36).
V_REG2
3.25V typ.
V_Monitor
(2.3V/
2.38V typ.)
V_Monitor
(1.5V typ.)
V_REG1
3.25V typ.
SW_DVCC
Low_Batt
(Status Register
and Reset Logic)
VSOUT_OK
(to XTO and
Reset Logic)
DVCC_OK
(to XTO and
Reset Logic)
SW_VSOUT
VSOUT_EN
VAUX
SW_AVCC
OUT
T5
VS1+
0.55V
typ.
to
T1
R
S
FF1
Q
PWR_ON
VSINT
AVCC_EN
DVCC_OK
OFFCMD
P_On_Aux
(Command via SPI)
(Status register)
R
0
1
0
1
Q
no change
0
1
1
S
0
0
1
1
(Control register 3)
(Control register 1)
AVCC
VSOUT
DVCC
VS2
VS1
IN
EN
OUT
IN
EN
and
+
-
≥ 1
≥ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com