Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5429-PLSW Datasheet(PDF) 56 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 52Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 53Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 54Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 55Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 56Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 57Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 58Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 59Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
56
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
9.1.4
Bit-check Mode
In bit-check mode the incoming data stream is examined to distinguish between a valid signal
from a corresponding transmitter and signals due to noise. This is done by subsequent time
frame checks where the distance between 2 signal edges are continuously compared to a pro-
grammable time window. The maximum count of this edge-to-edge test before the transceiver
switches to receiving mode is also programmable.
9.1.5
Configuration of the Bit Check
Assuming a modulation scheme that contains 2 edges per bit, two time frame checks verify one
bit. This is valid for Manchester, Bi-phase and most other modulation schemes. The maximum
count of bits to be checked can be set to 0, 3, 6 or 9 bits via the variable N
Bit-check in control
register 5. This implies 0, 6, 12 and 18 edge-to-edge checks, respectively. If N
Bit-check is set to a
higher value, the transceiver is less likely to switch to receiving mode due to noise. In the pres-
ence of a valid transmitter signal, the bit check takes less time if N
Bit-check is set to a lower value.
In RX polling mode, the bit-check time is not dependent on N
Bit-check if no valid signal is present.
Figure 9-3 shows an example where 3 bits are tested successfully.
Figure 9-3.
Timing Diagram for Complete Successful Bit Check (Number of Checked Bits: 3)
As seen in Figure 9-4, the time window for the bit check is defined by two separate time limits. If
the edge-to-edge time t
ee is in between the lower bit-check limit TLim_min and the upper bit-check
limit T
Lim_max, the check will be continued. If tee is smaller than limit TLim_min or exceeds TLim_max,
the bit check will be terminated and the transceiver switches to sleep mode.
Figure 9-4.
Valid Time Window for Bit Check
Bit check mode
Bit check ok
Start-up mode
Receiving mode
1/2 Bit
1/2 Bit
1/2 Bit
1/2 Bit
1/2 Bit
1/2 Bit
RX_ACTIVE
Demod_Out
Bit check
T
Startup_Sig_Proc
T
Bit-check
Demod_Out
1/f
Sig
t
ee
T
Lim_min
T
Lim_max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com