Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5429-PLSW Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 17Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 18Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 19Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 20Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 21Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 22Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 23Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 24Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
21
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
Example:
According to Table 3-7 on page 22, with a frequency of 433.92 MHz and output power of
11 dBm the overall current consumption is typically 17.8 mA; hence, the PA needs
17.8 mA - 6.95 mA = 10.85 mA in this mode, which corresponds to an overall power amplifier
efficiency of the PA of (10
(11dBm/10)
× 1 mW)/(3 V × 10.85 mA) × 100% = 38.6% in this case.
Using a higher resistor in this example of R
1 =1.091 × 22 kΩ =24kΩ results in 9.1% less cur-
rent in the PA of 10.85 mA/1.091 = 9.95 mA and 10
× log(1.091) = 0.38 dB less output power if
using a new load resistance of 300
Ω× 1.091 = 327Ω. The resulting output power is then
11 d B m – 0 . 38 d B = 1 0.6 d Bm
a n d
th e
o v er all
cu rre nt
con s um ptio n
is
6.95 mA + 9.95 mA = 16.9 mA.
The values of Table 3-7 on page 22 were measured with standard multi-layer chip inductors with
quality factors Q according to Table 3-7 on page 22. Looking to the 433.92 MHz/11 dBm case
with the quality factor of Q
L1 = 43 the loss in this inductor is estimated with the parallel equivalent
resist ance of the induct o r R
los s =2 ×π × f × L × Q L1 and the mat c hing loss with
10 log (1 + R
Lopt/Rloss) which is equal to 0.32 dB losses in this inductor. Taking this into account,
the PA efficiency is then 42% instead of 38.6%.
Be aware that the high power mode (PWR_H = AVCC) can only be used with a supply voltage
higher than 2.7V, whereas the low power mode (PWR_H = GND) can be used down to 2.4V as
can be seen in the “Electrical Characteristics: General” on page 67.
The supply blocking capacitor C
2 (10 nF) has to be placed close to the matching network
because of the RF current flowing through it.
Figure 3-10. Power Setting and Output Matching
RFOUT
10
RF_OUT
VPWR_H
AVCC
ATA5423/ATA5425/
ATA5428/ATA5429
9
PWR_H
8
R_PWR
C2
C1
L1
C3
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com