Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5429-PLSW Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 18Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 19Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 20Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 21Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 22Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 23Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 24Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 25Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
22
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
3.13
Output Power and TX Supply Current versus Supply Voltage and Temperature
Table 3-8 on page 22 shows the measurement of the output power for a typical device with
VS = VS1 = VS2 in the 433.92 MHz and 6.2 dBm case versus temperature and supply voltage
measured according to Figure 3-10 on page 21 with components according to Table 3-7. As
opposed to the receiver sensitivity, the supply voltage has here the major impact on output
power variations because of the large signal behavior of a power amplifier. Thus, a two battery
system with voltage regulator or a 5V system shows much less variation than a 2.4V to 3.6V one
battery system because the supply voltage is then well within 3.0V and 3.6V.
The reason is that the amplitude at the output RF_OUT with optimum load resistance is
AVCC – 0.4V and the power is proportional to (AVCC – 0.4V)
2 if the load impedance is not
changed. This means that the theoretical output power reduction if reducing the supply voltage
from 3.0V to 2.4V is 10 log ((3 V – 0.4 V)
2/(2.4 V – 0.4 V)2)=2.2dB. Table 3-8 shows that prin-
ciple behavior in the measurement. This is not the same case for higher voltages, since here
increasing the supply voltage from 3V to 3.6V should theoretical increase the power by 1.8 dB;
but a gain of only 0.8 dB in the measurement shows that the amplitude does not increase with
the supply voltage because the load impedance is optimized for 3V and the output amplitude
stays more constant.
Table 3-7.
Measured Output Power and Current Consumption with VS1 = VS2 = 3V, T
amb = 25°C
Frequency (MHz) TX Current (mA) Output Power (dBm)
R1 (k
Ω) VPWR_H
RLopt (Ω)L1 (nH)
QL1
C1 (pF) C3 (pF)
315
8.5
0.4
56
GND
2500
82
28
1.5
0
315
10.5
5.7
27
GND
920
68
32
2.2
0
315
16.7
10.5
27
AVCC
350
56
35
3.9
0
345
8.8
1.6
56
GND
2400
82
75
1.2
0
345
10.4
5.9
27
GND
900
68
74
1.8
0
345
16.9
10.7
27
AVCC
320
43
65
3.9
0
433.92
8.6
0.1
56
GND
2300
56
40
0.75
0
433.92
11.2
6.2
22
GND
890
47
38
1.5
0
433.92
17.8
11
22
AVCC
300
33
43
2.7
0
868.3
9.3
-0.3
33
GND
1170
12
58
1.0
3.3
868.3
11.5
5.4
15
GND
471
15
54
1.0
0
868.3
16.3
9.5
22
AVCC
245
10
57
1.5
0
915
9.6
0.1
33
GND
1100
12
62
0.7
0
915
11.8
4.9
15
GND
465
12
62
1.5
0
915
20.3
10.2
15
AVCC
230
10
60
1.5
0
Table 3-8.
Measured Output Power and Supply Current at 433.92 MHz, PWR_H = GND
VS =
2.4 V
3.0 V
3.6 V
T
amb = –40°C
10.19 mA
3.8 dBm
10.19 mA
5.5 dBm
10.78 mA
6.2 dBm
Tamb = +25°C
10.62 mA
4.6 dBm
11.19 mA
6.2 dBm
11.79 mA
7.1 dBm
T
amb = +85°C
11.4 mA
3.9 dBm
12.02 mA
5.5 dBm
12.73 mA
6.6 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com