Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5429-PLSW Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 4Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 5Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 6Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 7Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 9Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 10Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 11Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
8
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
2.2
Typical Base-station Application (5V)
Figure 2.2 shows a typical 433.92 MHz V
CC = 4.75V to 5.25V Base-station Application (5V). The
external components are 12 capacitors, 1 resistor, 4 inductors, a SAW filter, and a crystal. C
1
and C
3 to C4 are 68 nF voltage supply blocking capacitors. C2 and C12 are 2.2 µF supply block-
ing capacitors for the internal voltage regulators. C
5 is a 10 nF supply blocking capacitor. C6 is a
15 nF fixed capacitor used for the internal quasi-peak detector and for the high-pass frequency
of the data filter. C
7 to C11 are RF matching capacitors in the range of 1 pF to 33 pF. L2 to L4 are
matching inductors of about 5.6 nH to 56 nH. A load capacitor for the crystal of 9 pF is inte-
grated. R
1 is typically 22 kΩ and sets the output power at RF_OUT to about 10 dBm. Since a
quarter wave or PCB antenna, which has high efficiency and wide band operation, is typically
used here, it is recommended to use a SAW filter to achieve high sensitivity in case of powerful
out-of-band blockers. L
1, C9 and C10 together form a low-pass filter, which is needed to filter out
the harmonics in the transmitted signal to meet regulations. An internally regulated voltage at pin
VSOUT can be used in case the microcontroller only supports 3.3V operation, a blocking capac-
itor with a value of C
12 = 2.2 µF has to be connected to VSOUT in any case.
Figure 2-2.
Typical Base-station Application (5V), 433.92 MHz
CS
NC
RSSI
CDEM
SCK
DEM_OUT
SDI_TMDI
SDO_TMDO
CLK
VSINT
XTAL2
AVCC
50
Ω
connector
SAW-Filter
13.25311 MHz
VCC = 4.75V to 5.25V
N_RESET
IRQ
NC
NC
RF_IN
C7
C11
C6
C3
C2
C1
C4
C12
433_N868
NC
NC
NC
RF_OUT
PWR_H
R_PWR
NC
NC
C10
C9
RFOUT
R1
L2
L1
L4
C8
C5
L3
VCC
VSS
Sensor
ATmega
48/88/168
ATA5423/ATA5425
ATA5428/ATA5429



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com