Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5429-PLSW Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 28Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 29Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 30Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 31Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 32Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 33Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 34Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 35Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
32
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
Figure 5-2.
Operation Modes Flow Chart
5.1
OFF Mode
If the power supply (battery) is connected to pin VS1 and/or VS2, and if the voltage on pin VAUX
V
VAUX < 3.5V (typically), then the transceiver is in OFF mode. In OFF mode AVCC, DVCC and
VSOUT are disabled, resulting in very low power consumption (I
S_OFF is typically 10 nA). In OFF
mode the transceiver is not programmable via the 4-wire serial interface.
AVCC = VS1
DVCC = VS1
VSOUT = OFF
IDLE Mode
AVCC = VS1
DVCC = VS1
VSOUT = VS1
or V_REG2
TX Mode
AVCC = VS1
DVCC = VS1
VSOUT = VS1
or V_REG2
AVCC = VS1
DVCC = VS1
VSOUT = VS1
or V_REG2
RX Polling Mode
AVCC = VS1
DVCC = VS1
VSOUT = OFF
RX Polling Mode
RX Mode
AVCC = VS1
DVCC = VS1
VSOUT = VS1
V
VAUX > VS1 + 0.5V
V
VAUX < VS1 + 0.5V
V
VAUX > 3.5V (typ)
V
VAUX < 3.5V (typ)
IDLE Mode
AVCC = VS1
DVCC = VS1
VSOUT = V_REG2
IDLE Mode
AVCC = OFF
DVCC = OFF
VSOUT = OFF
OFF Mode
AVCC = OFF
DVCC = V_REG2
VSOUT = V_REG2
AUX Mode
Pin PWR_ON = 1 or
Pin T1, T2, T3, T4 or
Pin T5
Pin PWR_ON = 1 or
Pin T1, T2, T3, T4 or
Pin T5 or
Bit AVCC_EN = 1
OPM1 = 0 and OPM0 = 1
OPM1
0
1
1
OPM0
1
0
1
TX Mode
RX Polling Mode
RX Mode
OPM1 = 1 and OPM0 = 1
or Bit check ok
VSOUT_EN = 0
Bit check ok
OPM1 = 1 and OPM0 = 1
OPM1 = 1 and OPM0 = 0
OPM1 = 1 and OPM0 = 0
OPM1 = 0 and OPM0 = 1
VSOUT_EN = 0
Status bit Power_On = 1
or
Event on Pin T1, T2, T3, T4 or T5
Statusbit Power_On = 1
or
Event on Pin T1, T2, T3, T4 or T5
Bit AVCC_EN = 0 and
OFF Command and
Pin PWR_ON = 0 and
Pin T1, T2, T3, T4 and
T5 = 1
Bit AVCC_EN = 0 and OFF Command and
Pin PWR_ON = 0 and
Pin T1, T2, T3, T4 and T5 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com