Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5429-PLSW Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 12Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 13Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 14Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 15Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 16Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 17Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 18Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 19Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
16
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
The ATA5423/ATA5425/ATA5428/ATA5429 can also receive FSK and ASK modulated signals if
they are much higher than the I1dBCP. It can typically receive useful signals at 10 dBm. This is
often referred to as the nonlinear dynamic range which is the maximum to minimum receiving
signal and is 116 dB for 20 Kbit/s Manchester. This value is useful if two transceivers have to
communicate and are very close to each other.
Figure 3-5.
Close In 6 dB Blocking Characteristic and Image Response at 433.92 MHz
This high blocking performance even makes it possible for some applications using quarter
wave whip antennas to use a simple LC band-pass filter instead of a SAW filter in the receiver.
When de sig n in g such a n LC f ilte r t a ke int o accou n t th at t he 3 d B blocking at
433.92 MHz/2 = 216.96 MHz is 43 dBC and at 433.92 MHz/3 = 144.64 MHz is 48 dBC and at
2
× (433.92 MHz + 226 kHz) + –226 kHz = 868.066 MHz/868.518 MHz is 56 dBC. And espe-
cially that at 3
× (433.92 MHz + 226 kHz) + 226 kHz = 1302.664 MHz the receiver has its
second LO harmonic receiving frequency with only 12 dBC blocking.
Table 3-6.
Blocking 6 dB Above Sensitivity Level with BER < 10
–3
Frequency Offset
Blocker Level
Blocking
+0.75 MHz
–45 dBm
55 dBC/61 dBS
–0.75 MHz
–45 dBm
55 dBC/61 dBS
+1.5 MHz
–38 dBm
62 dBC/68 dBS
–1.5 MHz
–38 dBm
62 dBC/68 dBS
+10 MHz
–30 dBm
70 dBC/76 dBS
–10 MHz
–30 dBm
70 dBC/76 dBS
70
50
60
40
20
30
10
-10
0
-0.2
0
0.2
0.4
-1.0
-0.8
-0.6
-0.4
Distance of Interfering to Receiving Signal (MHz)
0.6
0.8
1.0
Distance of Interfering to Receiving Signal (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com