Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA5429-PLSW Datasheet(PDF) 34 Page - ATMEL Corporation

Part # ATA5429-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5429-PLSW Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button ATA5429-PLSW Datasheet HTML 30Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 31Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 32Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 33Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 34Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 35Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 36Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 37Page - ATMEL Corporation ATA5429-PLSW Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 100 page
background image
34
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
The status bit Low_Batt is set to “1” if the voltage at pin VSOUT V
VSOUT drops below VThres_2
(typically 2.38V). Low_Batt is set to “0” if V
VSOUT exceeds VThres_2 and the status register is read
via the 4-wire serial interface or N_RESET is set to low.
If V
VSOUT drops below VThres_1 (typically 2.3V), N_RESET is set to low. If bit VSOUT_EN in con-
trol register 3 is “1”, a DVCC_RESET is also generated. If V
VSOUT was already disabled by the
connected microcontroller by setting bit VSOUT_EN = 0, no DVCC_RESET is generated.
Note:
If VSOUT < V
Thres_1 (typically 2.3 V) the output of the pin CLK is low, the Microcontroller_Interface
is disabled and the transceiver is not programmable via the 4-wire serial interface.
Figure 5-3.
Reset Timing
N_RESET
VSOUT_EN
(Control Register 3)
LOW_Batt
(Status Register)
DVCC_RESET
VSOUT
VSOUT
DVCC
(AVCC)
V
Thres_1 = 2.3V (typ)
1.5V (typically)
V
Thres_2 = 2.38V (typ)
V
SOUT > 2.3V and the XTO is running
V
SOUT > 2.38V and the XTO is running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com