Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDPR Datasheet(PDF) 7 Page - Linear Technology

Part # LDPR
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LDPR Datasheet(HTML) 7 Page - Linear Technology

Back Button LDPR Datasheet HTML 3Page - Linear Technology LDPR Datasheet HTML 4Page - Linear Technology LDPR Datasheet HTML 5Page - Linear Technology LDPR Datasheet HTML 6Page - Linear Technology LDPR Datasheet HTML 7Page - Linear Technology LDPR Datasheet HTML 8Page - Linear Technology LDPR Datasheet HTML 9Page - Linear Technology LDPR Datasheet HTML 10Page - Linear Technology LDPR Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3470A
7
3470afa
SHDN (Pin 8): The SHDN pin is used to put the LT3470A in
shutdown mode. Tie to ground to shut down the LT3470A.
Apply 2V or more for normal operation. If the shutdown
feature is not used, tie this pin to the VIN pin.
NC (Pin 7): This pin can be left floating, connected to VIN,
or tied to GND.
VIN (Pin 6): The VIN pin supplies current to the LT3470A’s
internal regulator and to the internal power switch. This
pin must be locally bypassed.
GND (Pin 5): Tie the GND pin to a local ground plane
below the LT3470A and the circuit components. Return
the feedback divider to this pin.
SW (Pin 4): The SW pin is the output of the internal power
switch. Connect this pin to the inductor, catch diode and
boost capacitor.
BOOST (Pin 3): The BOOST pin is used to provide a drive
voltage, which is higher than the input voltage, to the
internal bipolar NPN power switch.
BIAS (Pin 2): The BIAS pin connects to the internal boost
Schottky diode and to the internal regulator. Tie to VOUT
when VOUT>2.5VortoVINotherwise.WhenVBIAS>3Vthe
BIAS pin will supply current to the internal regulator.
FB (Pin 1): The LT3470A regulates its feedback pin to
1.25V. Connect the feedback resistor divider tap to this
pin. Set the output voltage according to VOUT = 1.25V (1
+ R1/R2) or R1 = R2 (VOUT/1.25 – 1).
Exposed Pad (Pin 9):
Ground. Must be soldered to PCB.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com