Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDPR Datasheet(PDF) 5 Page - Linear Technology

Part # LDPR
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LDPR Datasheet(HTML) 5 Page - Linear Technology

  LDPR Datasheet HTML 1Page - Linear Technology LDPR Datasheet HTML 2Page - Linear Technology LDPR Datasheet HTML 3Page - Linear Technology LDPR Datasheet HTML 4Page - Linear Technology LDPR Datasheet HTML 5Page - Linear Technology LDPR Datasheet HTML 6Page - Linear Technology LDPR Datasheet HTML 7Page - Linear Technology LDPR Datasheet HTML 8Page - Linear Technology LDPR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3470A
5
3470afa
FB Bias Current (VFB = 1V)
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
FB Bias Current (VFB = 0V)
vs Temperature
Switch VCESAT (ISW = 100mA)
vs Temperature
Boost Diode VF (IF = 50mA)
vs Temperature
Catch Diode VF (IF = 100mA)
vs Temperature
Diode Leakage (VR = 36V)
vs Temperature
TEMPERATURE (°C)
–50
–25
0
20
60
50
0
50
75
3470a G08
10
40
30
25
100
125
TEMPERATURE (°C)
–50
80
100
120
25
75
3470a G09
60
40
–25
0
50
100
125
20
0
TEMPERATURE (°C)
–50
0.7
25
3470a G11
0.4
0.2
–25
0
50
0.1
0
0.8
0.6
0.5
0.3
75
100
125
TEMPERATURE (°C)
–50
200
250
300
25
75
3470a G10
150
100
–25
0
50
100
125
50
0
TEMPERATURE (°C)
–50
0.4
0.5
0.7
25
75
3470a G12
0.3
0.2
–25
0
50
100
125
0.1
0
0.6
TEMPERATURE (°C)
–50
–25
0
30
60
0
50
75
3470a G13
20
15
10
50
40
25
55
5
45
35
25
100
125
CATCH
BOOST
TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com