Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDPR Datasheet(PDF) 6 Page - Linear Technology

Part # LDPR
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LDPR Datasheet(HTML) 6 Page - Linear Technology

Back Button LDPR Datasheet HTML 2Page - Linear Technology LDPR Datasheet HTML 3Page - Linear Technology LDPR Datasheet HTML 4Page - Linear Technology LDPR Datasheet HTML 5Page - Linear Technology LDPR Datasheet HTML 6Page - Linear Technology LDPR Datasheet HTML 7Page - Linear Technology LDPR Datasheet HTML 8Page - Linear Technology LDPR Datasheet HTML 9Page - Linear Technology LDPR Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3470A
6
3470afa
Boost Diode Forward Voltage
Minimum Input Voltage, VOUT = 3.3V
Minimum Input Voltage, VOUT = 5V
TYPICAL PERFORMANCE CHARACTERISTICS
BOOST DIODE CURRENT (mA)
0
500
600
700
200
3470a G17
400
300
0
50
100
150
100
200
900
800
Switch VCESAT
BOOST Pin Current
Catch Diode Forward Voltage
SWITCH CURRENT (mA)
0
400
500
700
300
400
3470a G14
300
200
100
200
500
100
0
600
SWITCH CURRENT (mA)
0
8
10
14
300
400
3470a G15
6
4
100
200
500
2
0
12
CATCH DIODE CURRENT (mA)
0
0.4
0.6
400
3470a G16
0.2
0
100
200
300
1.0
0.8
LOAD CURRENT (mA)
0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
50
100
150
200
250
3470a G18
TA = 25°C
VIN TO RUN/START
LOAD CURRENT (mA)
0
6
7
250
3470a G19
5
4
50
100
150
200
8
TA = 25°C
VIN TO RUN/START
TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com