Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDPR Datasheet(PDF) 20 Page - Linear Technology

Part # LDPR
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LDPR Datasheet(HTML) 20 Page - Linear Technology

Back Button LDPR Datasheet HTML 12Page - Linear Technology LDPR Datasheet HTML 13Page - Linear Technology LDPR Datasheet HTML 14Page - Linear Technology LDPR Datasheet HTML 15Page - Linear Technology LDPR Datasheet HTML 16Page - Linear Technology LDPR Datasheet HTML 17Page - Linear Technology LDPR Datasheet HTML 18Page - Linear Technology LDPR Datasheet HTML 19Page - Linear Technology LDPR Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3470A
20
3470afa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 1108 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1616
25V, 500mA (IOUT), 1.4MHz, High Efficiency
Step-Down DC/DC Converter
VIN = 3.6V to 25V, VOUT = 1.25V, IQ = 1.9mA, ISD = <1μA,
ThinSOT Package
LT1676
60V, 440mA (IOUT), 100kHz, High Efficiency
Step-Down DC/DC Converter
VIN = 7.4V to 60V, VOUT = 1.24V, IQ = 3.2mA, ISD = 2.5μA,
S8 Package
LT1765
25V, 2.75A (IOUT), 1.25MHz, High Efficiency
Step-Down DC/DC Converter
VIN = 3V to 25V, VOUT = 1.2V, IQ = 1mA, ISD = 15μA,
S8, TSSOP16E Packages
LT1766
60V, 1.2A (IOUT), 200kHz, High Efficiency
Step-Down DC/DC Converter
VIN = 5.5V to 60V, VOUT = 1.2V, IQ = 2.5mA, ISD = 25μA,
TSSOP16/E Package
LT1767
25V, 1.2A (IOUT), 1.25MHz, High Efficiency
Step-Down DC/DC Converter
VIN = 3V to 25V; VOUT = 1.2V, IQ = 1mA, ISD = 6μA,
MS8/E Packages
LT1776
40V, 550mA (IOUT), 200kHz, High Efficiency
Step-Down DC/DC Converter
VIN = 7.4V to 40V; VOUT = 1.24V, IQ = 3.2mA, ISD = 30μA,
N8, S8 Packages
LTC
®1877
600mA (IOUT), 550kHz, Synchronous
Step-Down DC/DC Converter
VIN = 2.7V to 10V; VOUT = 0.8V, IQ = 10μA, ISD = <1μA,
MS8 Package
LTC1879
1.2A (IOUT), 550kHz, Synchronous
Step-Down DC/DC Converter
VIN = 2.7V to 10V; VOUT = 0.8V, IQ = 15μA, ISD = <1μA,
TSSOP16 Package
LT1933
36V, 600mA, 500kHz, High Efficiency
Step-Down DC/DC Converter
VIN = 3.6V to 36V; VOUT = 1.25V, IQ = 2.5μA, ISD = <1μA,
ThinSOT and 2mm
× 3mm DFN-6 Package
LT1934
34V, 250mA (IOUT), Micropower, Step-Down
DC/DC Converter
VIN = 3.2V to 34V; VOUT = 1.25V, IQ = 12μA, ISD = <1μA,
ThinSOT and 2mm
× 3mm DFN-6 Package
LT1956
60V, 1.2A (IOUT), 500kHz, High Efficiency
Step-Down DC/DC Converter
VIN = 5.5V to 60V, VOUT = 1.2V, IQ = 2.5mA, ISD = 25μA,
TSSOP16/E Package
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz, Synchronous
Step-Down DC/DC Converter
VIN = 2.7V to 6V, VOUT = 0.8V, IQ = 20μA, ISD = <1μA,
ThinSOT Package
LTC3406/LTC3406B
600mA (IOUT), 1.5MHz, Synchronous
Step-Down DC/DC Converter
VIN = 2.5V to 5.5V, VOUT = 0.6V, IQ = 20μA, ISD = <1μA,
ThinSOT Package
LTC3411
1.25A (IOUT), 4MHz, Synchronous
Step-Down DC/DC Converter
VIN = 2.5V to 5.5V, VOUT = 0.8V, IQ = 60μA, ISD = <1μA,
MS Package
LTC3412
2.5A (IOUT), 4MHz, Synchronous
Step-Down DC/DC Converter
VIN = 2.5V to 5.5V, VOUT = 0.8V, IQ = 60μA, ISD = <1μA,
TSSOP16E Package
LT3430
60V, 2.75A (IOUT), 200kHz, High Efficiency
Step-Down DC/DC Converter
VIN = 5.5V to 60V, VOUT = 1.2V, IQ = 2.5mA, ISD = 30μA,
TSSOP16E Package
LT3470
40V, 200mA, Micropower Step-Down DC/DC Converter
VIN = 4V to 40V, VOUT = 1.25V, IQ = 35μA, ISD = <1μA, DFN-8,
ThinSOT Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com