Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDPR Datasheet(PDF) 12 Page - Linear Technology

Part # LDPR
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LDPR Datasheet(HTML) 12 Page - Linear Technology

Back Button LDPR Datasheet HTML 8Page - Linear Technology LDPR Datasheet HTML 9Page - Linear Technology LDPR Datasheet HTML 10Page - Linear Technology LDPR Datasheet HTML 11Page - Linear Technology LDPR Datasheet HTML 12Page - Linear Technology LDPR Datasheet HTML 13Page - Linear Technology LDPR Datasheet HTML 14Page - Linear Technology LDPR Datasheet HTML 15Page - Linear Technology LDPR Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT3470A
12
3470afa
APPLICATIONS INFORMATION
Ceramic Capacitors
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LT3470A. Not all ceramic capacitors are
suitable. X5R and X7R types are stable over temperature
and applied voltage and give dependable service. Other
types, including Y5V and Z5U have very large temperature
and voltage coefficients of capacitance. In an application
circuit they may have only a small fraction of their nominal
capacitance resulting in much higher output voltage ripple
than expected.
Ceramic capacitors are piezoelectric. The LT3470A’s
switching frequency depends on the load current, and at
light loads the LT3470A can excite the ceramic capacitor
at audio frequencies, generating audible noise. Since the
LT3470A operates at a lower current limit during Burst
Mode operation, the noise is typically very quiet to a ca-
sual ear. If this audible noise is unacceptable, use a high
performance electrolytic capacitor at the output. The input
capacitor can be a parallel combination of a 2.2μF ceramic
capacitor and a low cost electrolytic capacitor.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LT3470A. A ceramic
input capacitor combined with trace or cable inductance
forms a high quality (under damped) tank circuit. If the
LT3470A circuit is plugged into a live supply, the input volt-
age can ring to twice its nominal value, possibly exceeding
the LT3470A’s rating. This situation is easily avoided; see
the Hot-Plugging Safely section.
BOOST and BIAS Pin Considerations
Capacitor C3 and the internal boost Schottky diode (see
Block Diagram) are used to generate a boost voltage that
is higher than the input voltage. In most cases a 0.22μF
capacitor will work well. Figure 2 shows two ways to ar-
range the boost circuit. The BOOST pin must be more than
2.5V above the SW pin for best efficiency. For outputs of
3.3V and above, the standard circuit (Figure 2a) is best.
For outputs between 2.5V and 3V, use a 0.47μF. For lower
output voltages the boost diode can be tied to the input
Figure 2. Two Circuits for Generating the Boost Voltage
Table 2. Capacitor Vendors
Vendor
Phone
URL
Part Series
Comments
Panasonic
(714) 373-7366
www.panasonic.com
Ceramic,
Polymer,
Tantalum
EEF Series
Kemet
(864) 963-6300
www.kemet.com
Ceramic,
Tantalum
T494, T495
Sanyo
(408) 749-9714
www.sanyovideo.com
Ceramic,
Polymer,
Tantalum
POSCAP
Murata
(404) 436-1300
www.murata.com
Ceramic
AVX
www.avxcorp.com
Ceramic,
Tantalum
TPS Series
Taiyo Yuden
(864) 963-6300
www.taiyo-yuden.com
Ceramic
VIN
BOOST
LT3470A
(2a)
(2b)
SW
C3
0.22μF
VIN
VOUT
VBOOST – VSW ≅ VOUT
MAX VBOOST ≅ VIN + VOUT
BIAS
GND
VIN
BOOST
LT3470A
SW
BIAS
C3
0.22μF
VIN
VOUT
3470a F02
VBOOST – VSW ≅ VIN
MAX VBOOST ≅ 2•VIN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com