Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDPR Datasheet(PDF) 1 Page - Linear Technology

Part # LDPR
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LDPR Datasheet(HTML) 1 Page - Linear Technology

  LDPR Datasheet HTML 1Page - Linear Technology LDPR Datasheet HTML 2Page - Linear Technology LDPR Datasheet HTML 3Page - Linear Technology LDPR Datasheet HTML 4Page - Linear Technology LDPR Datasheet HTML 5Page - Linear Technology LDPR Datasheet HTML 6Page - Linear Technology LDPR Datasheet HTML 7Page - Linear Technology LDPR Datasheet HTML 8Page - Linear Technology LDPR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3470A
1
3470afa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Micropower Buck Regulator
with Integrated Boost and
Catch Diodes
The LT®3470A is a micropower step-down DC/DC con-
verter that integrates a 440mA power switch, catch diode
and boost diode into low profile 2mm
× 3mm DFN
package. The LT3470A combines Burst Mode and
continuous operation to allow the use of tiny inductor
and capacitors while providing a low ripple output to
loads of up to 250mA.
With its wide input range of 4V to 40V, the LT3470A can
regulate a wide variety of power sources, from 2-cell Li-Ion
batteries to unregulated wall transformers and lead-acid
batteries. Quiescent current in regulation is just 35μA in
a typical application while a zero current shutdown mode
disconnects the load from the input source, simplifying
power management in battery-powered systems. Fast cur-
rent limiting and hysteretic control protects the LT3470A
and external components against shorted outputs, even
at 40V input. The LT3470A has higher output current and
improved start-up and dropout performance compared
to the LT3470.
Efficiency and Power Loss vs Load Current
n Low Quiescent Current: 35μA at 12VIN to 3.3VOUT
n Integrated Boost and Catch Diodes
n Input Range: 4V to 40V
n 3.3V at 250mA from 4V to 40V Input
n 5V at 250mA from 5.7V to 40V Input
n Low Output Ripple: <10mV
n < 1μA in Shutdown Mode
n Output Voltage: 1.25V to 16V
n Hysteretic Mode Control
– Low Ripple Burst Mode® Operation at Light Loads
– Continuous Operation at Higher Loads
n Solution Size as Small as 50mm2
n Low Profile (0.75mm) 2mm
× 3mm Thermally
Enhanced 8-Lead DFN Package
n Automotive Battery Regulation
n Power for Portable Products
n Distributed Supply Regulation
n Industrial Supplies
n Wall Transformer Regulation
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Burst Mode
is a registered trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
VIN
BOOST
LT3470A
SW
SHDN
0.22μF
22pF
22μF
2.2μF
VIN
5.7V TO 40V
VOUT
5V
250mA
604k
1%
200k
1%
33μH
BIAS
FB
GND
OFF ON
3470a TA01
LOAD CURRENT (mA)
30
40
60
80
90
0.1
10
100
300
3470a TA02
20
1
70
50
10
1
1000
100
10
0.1
VIN = 12V


Similar Part No. - LDPR

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
LDP ANOVA-LDP Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP LUGUANG-LDP Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Mini-Circuits
LDP-1050-252 MINI-LDP-1050-252 Datasheet
301Kb / 2P
Diplexer
LDP-1050-252+ MINI-LDP-1050-252+ Datasheet
301Kb / 2P
Diplexer
logo
LUMEX INC.
LDP-2R2608RD-50 LUMEX-LDP-2R2608RD-50 Datasheet
147Kb / 3P
CUSTOM LED DISPLAY
More results

Similar Description - LDPR

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3470 LINEAR-LT3470 Datasheet
199Kb / 16P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Linear Technology
LT3470EDDB LINER-LT3470EDDB Datasheet
240Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Integrated Syste...
LT3470HTS8 LINEAR-LT3470HTS8 Datasheet
240Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Technology
LT3470 LINER-LT3470_15 Datasheet
290Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470A LINER-LT3470A_15 Datasheet
208Kb / 20P
Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
Buck-Boost Controller with Integrated Buck MOSFET
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com