Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDPR Datasheet(PDF) 15 Page - Linear Technology

Part # LDPR
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LDPR Datasheet(HTML) 15 Page - Linear Technology

Back Button LDPR Datasheet HTML 11Page - Linear Technology LDPR Datasheet HTML 12Page - Linear Technology LDPR Datasheet HTML 13Page - Linear Technology LDPR Datasheet HTML 14Page - Linear Technology LDPR Datasheet HTML 15Page - Linear Technology LDPR Datasheet HTML 16Page - Linear Technology LDPR Datasheet HTML 17Page - Linear Technology LDPR Datasheet HTML 18Page - Linear Technology LDPR Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT3470A
15
3470afa
APPLICATIONS INFORMATION
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LT3470A. However, these capacitors
can cause problems if the LT3470A is plugged into a live
supply (see Linear Technology Application Note 88 for
a complete discussion). The low loss ceramic capacitor
combined with stray inductance in series with the power
source forms an under damped tank circuit, and the volt-
age at the VIN pin of the LT3470A can ring to twice the
nominal input voltage, possibly exceeding the LT3470A’s
rating and damaging the part. If the input supply is poorly
controlled or the user will be plugging the LT3470A into an
energized supply, the input network should be designed
to prevent this overshoot. Figure 6 shows the waveforms
that result when an LT3470A circuit is connected to a 24V
supply through six feet of 24-gauge twisted pair. The first
plot is the response with a 2.2μF ceramic capacitor at the
input. The input voltage rings as high as 35V and the input
current peaks at 20A. One method of damping the tank
circuit is to add another capacitor with a series resistor to
the circuit. In Figure 6b an aluminum electrolytic capacitor
has been added. This capacitor’s high equivalent series
resistance damps the circuit and eliminates the voltage
overshoot. The extra capacitor improves low frequency
ripple filtering and can slightly improve the efficiency of the
circuit, though it is likely to be the largest component in the
circuit. An alternative solution is shown in Figure 6c. A 1Ω
resistor is added in series with the input to eliminate the
voltage overshoot (it also reduces the peak input current).
A 0.1μF capacitor improves high frequency filtering. This
solution is smaller and less expensive than the electrolytic
capacitor. For high input voltages its impact on efficiency
is minor, reducing efficiency less than one half percent for
a 5V output at full load operating from 24V.
High Temperature Considerations
The die junction temperature of the LT3470A must be
lower than the maximum rating of 125°C. This is generally
not a concern unless the ambient temperature is above
85°C. For higher temperatures, care should be taken in
the layout of the circuit to ensure good heat sinking of the
LT3470A. The maximum load current should be derated
as the ambient temperature approaches the maximum
junction rating. The die temperature is calculated by
multiplying the LT3470A power dissipation by the thermal
resistance from junction to ambient. Power dissipation
within the LT3470A can be estimated by calculating the
total power loss from an efficiency measurement. Thermal
resistance depends on the layout of the circuit board and
choice of package. The DFN package with the exposed
pad has a thermal resistance of approximately 80°C/W.
Finally, be aware that at high ambient temperatures the
internal Schottky diode will have significant leakage current
(see Typical Performance Characteristics) increasing the
quiescent current of the LT3470A converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com