Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDPR Datasheet(PDF) 16 Page - Linear Technology

Part # LDPR
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LDPR Datasheet(HTML) 16 Page - Linear Technology

Back Button LDPR Datasheet HTML 12Page - Linear Technology LDPR Datasheet HTML 13Page - Linear Technology LDPR Datasheet HTML 14Page - Linear Technology LDPR Datasheet HTML 15Page - Linear Technology LDPR Datasheet HTML 16Page - Linear Technology LDPR Datasheet HTML 17Page - Linear Technology LDPR Datasheet HTML 18Page - Linear Technology LDPR Datasheet HTML 19Page - Linear Technology LDPR Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT3470A
16
3470afa
APPLICATIONS INFORMATION
Figure 6: A Well Chosen Input Network Prevents Input Voltage Overshoot and
Ensures Reliable Operation When the LT3470A is Connected to a Live Supply
+
LT3470A
2.2μF
VIN
10V/DIV
IIN
10A/DIV
10μs/DIV
VIN
10V/DIV
IIN
10A/DIV
10μs/DIV
VIN
10V/DIV
IIN
10A/DIV
10μs/DIV
VIN
CLOSING SWITCH
SIMULATES HOT PLUG
IIN
(6a)
(6b)
(6c)
LOW
IMPEDANCE
ENERGIZED
24V SUPPLY
STRAY
INDUCTANCE
DUE TO 6 FEET
(2 METERS) OF
TWISTED PAIR
+
LT3470A
2.2μF
10μF
35V
AI.EI.
LT3470A
2.2μF
0.1μF
1Ω
3470a F06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com