Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDPR Datasheet(PDF) 13 Page - Linear Technology

Part # LDPR
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LDPR Datasheet(HTML) 13 Page - Linear Technology

Back Button LDPR Datasheet HTML 9Page - Linear Technology LDPR Datasheet HTML 10Page - Linear Technology LDPR Datasheet HTML 11Page - Linear Technology LDPR Datasheet HTML 12Page - Linear Technology LDPR Datasheet HTML 13Page - Linear Technology LDPR Datasheet HTML 14Page - Linear Technology LDPR Datasheet HTML 15Page - Linear Technology LDPR Datasheet HTML 16Page - Linear Technology LDPR Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3470A
13
3470afa
APPLICATIONS INFORMATION
(Figure 2b). The circuit in Figure 2a is more efficient
because the BOOST pin current and BIAS pin quiescent
current comes from a lower voltage source. You must also
be sure that the maximum voltage ratings of the BOOST
and BIAS pins are not exceeded.
The LT3470A monitors the boost capacitor for sufficient
voltage such that the switch is allowed to fully saturate.
When boost voltage falls below adequate levels (1.8V
typical) the switch will operate with about 1V of drop, and
an internal current source will begin to pull 50mA (typi-
cal) from the BIAS pin which is typically connected to the
output. This current forces the LT3470A to switch more
often and with more inductor current, which recharges
the boost capacitor. When the boost capacitor voltage is
above 1.8V (typical) the current source turns off, and the
part may enter BurstMode. This cycle will repeat anytime
there is an undervoltage condition on the boost capaci-
tor. See Figure 3 for minimum input voltage for outputs
of 3.3V and 5V.
Shorted Input Protection
If the inductor is chosen so that it won’t saturate exces-
sively at the top switch current limit maximum of 525mA,
an LT3470A buck regulator will tolerate a shorted output
even if VIN = 40V. There is another situation to consider
in systems where the output will be held high when the
input to the LT3470A is absent. This may occur in battery
charging applications or in battery backup systems where
a battery or some other supply is diode OR-ed with the
LT3470A’s output. If the VIN pin is allowed to float and the
SHDN pin is held high (either by a logic signal or because
it is tied to VIN), then the LT3470A’s internal circuitry will
pull its quiescent current through its SW pin. This is fine
if your system can tolerate a few mA in this state. If you
ground the SHDN pin, the SW pin current will drop to es-
sentially zero. However, if the VIN pin is grounded while
the output is held high, then parasitic diodes inside the
LT3470A can pull large currents from the output through
the SW pin and the VIN pin. Figure 4 shows a circuit that
will run only when the input voltage is present and that
protects against a shorted or reversed input.
Figure 3. The Minimum Input Voltage Depends on Output
Voltage, Load Current and Boost Circuit
Minimum Input Voltage, VOUT = 3.3V
Minimum Input Voltage, VOUT = 5V
Figure 4. Diode D1 Prevents a Shorted Input from Discharging
a Backup Battery Tied to the Output; It Also Protects the Circuit
from a Reversed Input. The LT3470A Runs Only When the Input is
Present Hot-Plugging Safely
VIN
BOOST
LT3470A
SW
SHDN
3470a F04
VIN
100k
D1
1M
VOUT
BACKUP
BIAS
FB
GND
LOAD CURRENT (mA)
0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
50
100
150
200
250
3470a F03a
TA = 25°C
VIN TO RUN/START
LOAD CURRENT (mA)
0
6
7
250
3470a F03b
5
4
50
100
150
200
8
TA = 25°C
VIN TO RUN/START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com