Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDPR Datasheet(PDF) 17 Page - Linear Technology

Part # LDPR
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LDPR Datasheet(HTML) 17 Page - Linear Technology

Back Button LDPR Datasheet HTML 12Page - Linear Technology LDPR Datasheet HTML 13Page - Linear Technology LDPR Datasheet HTML 14Page - Linear Technology LDPR Datasheet HTML 15Page - Linear Technology LDPR Datasheet HTML 16Page - Linear Technology LDPR Datasheet HTML 17Page - Linear Technology LDPR Datasheet HTML 18Page - Linear Technology LDPR Datasheet HTML 19Page - Linear Technology LDPR Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT3470A
17
3470afa
APPLICATIONS INFORMATION
3.3V Step-Down Converter
5V Step-Down Converter
2.5V Step-Down Converter
VIN
BOOST
LT3470A
SW
SHDN
C3
0.22μF, 6.3V
22pF
C2
22μF
3470a TA03
C1
1μF
VIN
4V TO 40V
VOUT
3.3V
250mA
R1
324k
R2
200k
C1: TDK C3216JB1H105M
C2: CE JMK316 BJ226ML-T
L1: TOKO A993AS-270M=P3
L1
33μH
BIAS
FB
GND
OFF ON
VIN
BOOST
LT3470A
SW
SHDN
C3
0.22μF, 6.3V
22pF
C2
22μF
3470a TA04
C1
1μF
VIN
5.7V TO 40V
VOUT
5V
250mA
R1
604k
R2
200k
L1
33μH
BIAS
FB
GND
OFF ON
C1: TDK C3216JB1H105M
C2: CE JMK316 BJ226ML-T
L1: TOKO A914BYW-330M=P3
VIN
BOOST
LT3470A
SW
SHDN
C3
0.47μF, 6.3V
22pF
C2
22μF
3470a TA07
C1
1μF
VIN
4V TO 40V
VOUT
2.5V
250mA
R1
200k
R2
200k
C1: TDK C3216JB1H105M
C2: TDK C2012JB0J226M
L1: SUMIDA CDRH3D28
L1
33μH
BIAS
FB
GND
OFF ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com