Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDPR Datasheet(PDF) 11 Page - Linear Technology

Part # LDPR
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LDPR Datasheet(HTML) 11 Page - Linear Technology

Back Button LDPR Datasheet HTML 7Page - Linear Technology LDPR Datasheet HTML 8Page - Linear Technology LDPR Datasheet HTML 9Page - Linear Technology LDPR Datasheet HTML 10Page - Linear Technology LDPR Datasheet HTML 11Page - Linear Technology LDPR Datasheet HTML 12Page - Linear Technology LDPR Datasheet HTML 13Page - Linear Technology LDPR Datasheet HTML 14Page - Linear Technology LDPR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3470A
11
3470afa
APPLICATIONS INFORMATION
be used. It is important to note that inductor saturation
current is reduced at high temperatures—see inductor
vendors for more information.
Input Capacitor
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage ripple
at the VIN pin of the LT3470A and to force this switching
current into a tight local loop, minimizing EMI. The input
capacitor must have low impedance at the switching
frequency to do this effectively. A 1μF to 2.2μF ceramic
capacitor satisfies these requirements.
If the input source impedance is high, a larger value ca-
pacitor may be required to keep input ripple low. In this
case, an electrolytic of 10μF or more in parallel with a 1μF
ceramic is a good combination. Be aware that the input
capacitor is subject to large surge currents if the LT3470A
circuit is connected to a low impedance supply, and that
some electrolytic capacitors (in particular tantalum) must
be specified for such use.
Output Capacitor and Output Ripple
The output capacitor filters the inductor’s ripple current
and stores energy to satisfy the load current when the
LT3470A is quiescent. In order to keep output voltage
ripple low, the impedance of the capacitor must be low
at the LT3470A’s switching frequency. The capacitor’s
equivalent series resistance (ESR) determines this im-
pedance. Choose one with low ESR intended for use in
switching regulators. The contribution to ripple voltage
due to the ESR is approximately ILIM • ESR. ESR should
be less than ~150mΩ. The value of the output capacitor
must be large enough to accept the energy stored in the
inductor without a large change in output voltage. Setting
this voltage step equal to 1% of the output voltage, the
output capacitor must be:
COUT > 50 •L •
ILIM
VOUT
2
Where ILIM is the top current limit with VFB= 0V (see Electri-
cal Characteristics). For example, an LT3470A producing
3.3V with L = 33μH requires 22μF. The calculated value
can be relaxed if small circuit size is more important than
low output ripple.
Sanyo’s POSCAP series in B-case and provides very good
performance in a small package for the LT3470A. Similar
performance in traditional tantalum capacitors requires
a larger package (C-case). With a high quality capacitor
filtering the ripple current from the inductor, the output
voltage ripple is determined by the delay in the LT3470A’s
feedback comparator. This ripple can be reduced further
by adding a small (typically 22pF) phase lead capacitor
between the output and the feedback pin.
Table 2. Inductor Vendors
VENDOR
URL
PART SERIES
INDUCTANCE RANGE (μH)
SIZE (mm)
Coilcraft
www.coilcraft.com
DO1605
ME3220
DO3314
10 to 47
10 to 47
10 to 47
1.8
× 5.4 × 4.2
2.0
× 3.2 × 2.5
1.4
× 3.3 × 3.3
Sumida
www.sumida.com
CR32
CDRH3D16/HP
CDRH3D28
CDRH2D18/HP
10 to 47
10 to 33
10 to 47
10 to 15
3.0
× 3.8 × 4.1
1.8
× 4.0 × 4.0
3.0
× 4.0 × 4.0
2.0
× 3.2 × 3.2
Toko
www.tokoam.com
DB320C
D52LC
10 to 27
10 to 47
2.0
× 3.8 × 3.8
2.0
× 5.0 × 5.0
Würth Elektronik
www.we-online.com
WE-PD2 Typ S
WE-TPC Typ S
10 to 47
10 to 22
3.2
× 4.0 × 4.5
1.6
× 3.8 × 3.8
Coiltronics
www.cooperet.com
SD10
10 to 47
1.0
× 5.0 × 5.0
Murata
www.murata.com
LQH43C
LQH32C
10 to 47
10 to 15
2.6
× 3.2 × 4.5
1.6
× 2.5 × 3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com