Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4264IDE Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4264IDE
Description  High Power PD Interface Controller with 750mA Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264IDE Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4264IDE Datasheet HTML 4Page - Linear Technology LTC4264IDE Datasheet HTML 5Page - Linear Technology LTC4264IDE Datasheet HTML 6Page - Linear Technology LTC4264IDE Datasheet HTML 7Page - Linear Technology LTC4264IDE Datasheet HTML 8Page - Linear Technology LTC4264IDE Datasheet HTML 9Page - Linear Technology LTC4264IDE Datasheet HTML 10Page - Linear Technology LTC4264IDE Datasheet HTML 11Page - Linear Technology LTC4264IDE Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC4264
8
4264f
APPLICATIONS INFORMATION
4264 F02
SMAJ58A
0.1
µF
Tx1
Rx1
Rx1
Tx1
SMAJ58A
VEE
SENSE GATE OUT
VDD
AUTO
CMPD3003
10k
1k
0.1
µF
0.25
Ω
IRLR3410
S1B
1/4
LTC4259A
DGND BYP
AGND
DETECT
3.3V
–54V
1
RJ45
RJ45
CAT5
2
1
2
3
6
3
6
PSE
PD
RCLASS
VIN
PWRGD
VOUT
LTC4264
GND
DF1501S
DF1501S
DC/DC
CONVERTER
5
µF
MIN
+
+
+
–
–
–
VOUT
GND
0.47
µF
SMAJ58A
0.1
µF
Tx2
Rx2
Rx2
Tx2
VEE
SENSE GATE OUT
CMPD3003
10k
1k
0.25
Ω
IRLR3410
S1B
1/4
LTC4259A
DETECT
–54V
4
5
4
5
7
8
7
8
GND
0.47
µF
0.1
µF
SMAJ58A
RCLASS
VIN
PWRGD
VOUT
LTC4264
GND
DC/DC
CONVERTER
5
µF
MIN
0.1
µF
AGND
Figure 2. 4-Pair High Power PoE Gigabit Ethernet System Diagram
The LTC4264 is specifically designed to implement the
front end of a high power PD for power-hungry PoE ap-
plications that must operate beyond the power limits of
IEEE 802.3af. LTC4264 uses a precision, dual current limit
that keeps inrush below IEEE 803.2af levels to ensure
interoperability with any PSE. After inrush is complete,
the LTC4264 input current limit switches to the ILIMIT_HIGH
level, using an onboard, 750mA power MOSFET. This al-
lows a PD (supplied by a custom PSE) to deliver power
above the IEEE 802.3af 12.95W maximum, sending up
to 35W to the PD load. The LTC4264 uses established
IEEE 802.3af detection and classification methods to
maintain compliance and includes an extended program-
mable Class 5 range for use in custom PoE applications.
The LTC4264 features both active-high and active-low
power good signaling for simplified interface to any DC/DC
converter. The SHDN pin on the LTC4264 can be used to
provide a seamless interface for external wall adapter or
other auxiliary power options. The ILIM_EN pin provides the
option to remove the high current limit, ILIMIT_HIGH. The
LTC4264 includes an onboard signature resistor, precision
UVLO, thermal overload protection and is available in a
thermally-enhanced 12-lead 4mm
× 3mm DFN package
for superior high current performance.
OPERATION
The LTC4264 high power PD interface controller has sev-
eral modes of operation depending on the applied input
voltage as shown in Figure 3 and summarized in Table 1.
These various modes satisfy the requirements defined
in the IEEE 802.3af specification. The input voltage is
applied to the VIN pin with reference to the GND pin and
is always negative.
Table 1. LTC4264 Operational Mode as a Function
of Input Voltage
INPUT VOLTAGE
LTC4264 MODE OF OPERATION
0V to –1.4V
Inactive
–1.5V to –10.1V
25k Signature Resistor Detection
–10.3V to –12.4V
Classification Load Current Ramps Up from 0% to
100%
–12.5V to UVLO*
Classification Load Current Active
UVLO* to –57V
Power Applied to PD Load
*UVLO includes hysteresis.
Rising input threshold
≅ –38.9V
Falling input threshold
≅ –30.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com