Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4264IDE Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4264IDE
Description  High Power PD Interface Controller with 750mA Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264IDE Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4264IDE Datasheet HTML 8Page - Linear Technology LTC4264IDE Datasheet HTML 9Page - Linear Technology LTC4264IDE Datasheet HTML 10Page - Linear Technology LTC4264IDE Datasheet HTML 11Page - Linear Technology LTC4264IDE Datasheet HTML 12Page - Linear Technology LTC4264IDE Datasheet HTML 13Page - Linear Technology LTC4264IDE Datasheet HTML 14Page - Linear Technology LTC4264IDE Datasheet HTML 15Page - Linear Technology LTC4264IDE Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC4264
12
4264f
UNDERVOLTAGE LOCKOUT
The IEEE 802.3af specification dictates a maximum turn-
on voltage of 42V and a minimum turn-off voltage of 30V
for the PD. In addition, the PD must maintain large on-off
hysteresis to prevent current-resistance (I-R) drops in the
wiring between the PSE and the PD from causing start-up
oscillation. The LTC4264 incorporates an undervoltage
lockout (UVLO) circuit that monitors line voltage at VIN to
determine when to apply power to the PD load (Figure 7).
Before power is applied to the load, the VOUT pin is high
impedance and there is no charge on capacitor C1. When
the input voltage rises above the UVLO turn-on thresh-
old, the LTC4264 removes the classification load current
and turns on the internal power MOSFET. C1 charges up
under LTC4264 inrush current limit control and the VOUT
pin transitions from 0V to VIN as shown in Figure 3. The
LTC4264 includes a hysteretic UVLO circuit on VIN that
keeps power applied to the load until the magnitude of the
input voltage falls below the UVLO turn-off threshold. Once
VIN falls below UVLO turn-off, the internal power MOSFET
disconnects VOUT from VIN and the classification current
is re-enabled. C1 will discharge through the PD circuitry
and the VOUT pin will go to a high impedance state.
INPUT CURRENT LIMIT
IEEE 802.3af specifies a maximum inrush current and also
specifies a minimum load capacitor between the GND and
VOUT pins. To control turn-on surge currents in the system
the LTC4264 integrates a dual current limit circuit using an
onboard power MOSFET and sense resistor to provide a
complete inrush control circuit without additional external
components.
At turn-on, the LTC4264 will limit the inrush current to
ILIMIT_LOW,allowingtheloadcapacitortorampuptotheline
voltage in a controlled manner without interference from
the PSE current limit. By keeping the PD current limit below
the PSE current limit, PD power up characteristics are well
controlled and independent of PSE behavior. This ensures
interoperability regardless of PSE output characteristics.
After load capacitor C1 is charged up, the LTC4264 switches
to the high input current limit, ILIMIT_HIGH. This allows the
LTC4264 to deliver up to 35W to the PD load for high power
applications. To maintain compatibility with IEEE 802.3af
power levels, it is necessary for the PD designer to ensure
the PD steady-state power consumption remains below
the limits shown in Table 2. The LTC4264 maintains the
high input current limit until the port voltage drops below
the UVLO turn-off threshold.
APPLICATIONS INFORMATION
GND
C1
5
µF
MIN
VIN
VOUT
LTC4264
4264 F07
TO
PSE
UNDERVOLTAGE
LOCKOUT
CIRCUIT
PD
LOAD
CURRENT-LIMITED
TURN ON
+
INPUT
LTC4264
VOLTAGE
POWER MOSFET
0V TO UVLO*
OFF
>UVLO*
ON
*UVLO INCLUDES HYSTERESIS
RISING INPUT THRESHOLD
≅ –38.9V
FALLING INPUT THRESHOLD
≅ –30.6V
Figure 7. LTC4264 Undervoltage Lockout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com