Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4264IDE Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4264IDE
Description  High Power PD Interface Controller with 750mA Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264IDE Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4264IDE Datasheet HTML 15Page - Linear Technology LTC4264IDE Datasheet HTML 16Page - Linear Technology LTC4264IDE Datasheet HTML 17Page - Linear Technology LTC4264IDE Datasheet HTML 18Page - Linear Technology LTC4264IDE Datasheet HTML 19Page - Linear Technology LTC4264IDE Datasheet HTML 20Page - Linear Technology LTC4264IDE Datasheet HTML 21Page - Linear Technology LTC4264IDE Datasheet HTML 22Page - Linear Technology LTC4264IDE Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC4264
19
4264f
APPLICATIONS INFORMATION
RCLASS from Table 2. If a unique load current is required,
the value of RCLASS can be calculated as:
RCLASS = 1.237V/(ILOAD – IIN_CLASS)
IIN_CLASS is the LTC4264 IC supply current during clas-
sification given in the electrical specifications. The RCLASS
resistor must be 1% or better to avoid degrading the overall
accuracy of the classification circuit. Resistor power dissi-
pation will be 100mW maximum and is transient so heating
is typically not a concern. In order to maintain loop stabil-
ity, the layout should minimize capacitance at the RCLASS
node. The classification circuit can be disabled by floating
the RCLASS pin. The RCLASS pin should not be shorted to
VIN as this would force the LTC4264 classification circuit
to attempt to source very large currents. In this case, the
LTC4264 will quickly go into thermal shutdown.
GND
RS
10k
R10
100k
PWRGD
D9
MMBD4148
Q1
FMMT2222
–54V
4264 F11
TO
PSE
LTC4264
ACTIVE-LOW ENABLE
VIN
VOUT
V+
PD
LOAD
GND
RS
10k
R9
100k
PWRGD
D9
5.1V
MMBZ5231B
–54V
TO
PSE
LTC4264
ACTIVE-LOW ENABLE
VIN
VOUT
PD
LOAD
–54V
TO
PSE
ACTIVE-HIGH ENABLE
PD
LOAD
RUN
SHDN
GND
PWRGD
LTC4264
VIN
VOUT
Power Good Interface
The LTC4264 provides complimentary power good signals
to simplify the DC/DC converter interface. Using the power
good signal to delay converter operation until the load
capacitor is fully charged is recommended as this will help
ensure trouble free start up. The active high PWRGD pin
is controlled by an open collector transistor referenced to
VOUT while the active low PWRGD pin is controlled by a
high voltage, open-drain MOSFET referenced to VIN. The
designer has the option of using either of these signals to
enable the DC/DC converter and example interface circuits
are shown in Figure 11. When using PWRGD, diode D9
and resistor RS protects the converter shutdown pin from
excessive reverse voltage.
Figure 11. Power Good Interface Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com