Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4264IDE Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4264IDE
Description  High Power PD Interface Controller with 750mA Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264IDE Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4264IDE Datasheet HTML 16Page - Linear Technology LTC4264IDE Datasheet HTML 17Page - Linear Technology LTC4264IDE Datasheet HTML 18Page - Linear Technology LTC4264IDE Datasheet HTML 19Page - Linear Technology LTC4264IDE Datasheet HTML 20Page - Linear Technology LTC4264IDE Datasheet HTML 21Page - Linear Technology LTC4264IDE Datasheet HTML 22Page - Linear Technology LTC4264IDE Datasheet HTML 23Page - Linear Technology LTC4264IDE Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC4264
24
4264f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0307 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT®1952
Single Switch Synchronous Forward Counter
Synchronous Controller, Programmable Volt-Sec Clamp, Low Start Current
LTC3803
Current Mode Flyback DC/DC Controller in ThinSOT
TM
200kHz Constant Frequency, Adjustable Slope Compensation, Optimized
for High Input Voltage Applications
LTC3805
Adjustable Frequency Current Mode Flyback Controller
Slope Comp Overcurrent Protect, Internal/External Clock
LTC3825
Isolate No-Opto Synchronous Flyback Controller with
Wide Input Supply Range
Adjustable Switching Frequency, Programmable Undervoltage Lockout,
Accurate Regulation without Trim, Synchronous for High Efficiency
LTC4257-1
IEEE 802.3af PD Interface Controller
100V 400mA Internal Switch, Programmable Classification Dual
Current Limit
LTC4258
Quad IEEE 802.3af Power over Ethernet Controller
DC Disconnect Only, IEEE-Compliant PD Detection and Classification,
Autonomous Operation or I2C
TM Control
LTC4259A-1
Quad IEEE 802.3af Power over Ethernet Controller
AC or DC Disconnect IEEE-Compliant PD Detection and Classification,
Autonomous Operation or I2C Control
LTC4263
Single IEEE 802.3af Power over Ethernet Controller
AC or DC Disconnect IEEE-Compliant PD Detection and Classification,
Autonomous Operation or I2C Control
LTC4263-1
High Power Single PSE Controller
Internal Switch, Autonomous Operation, 30W
LTC4267
IEEE 802.3af PD Interface with an Integrated Switching
Regulator
100V 400mA Internal Switch, Programmable Classification, 200kHz
Constant Frequency PWM, Interface and Switcher Optimized for IEEE-
Compliant PD System
Burst Mode is a registered trademark of Linear Technology Corporation. No RSENSE and ThinSOT are trademarks of Linear Technology Corporation.
+
SHDN
NC
RCLASS
ILIM_EN
VIN
VIN
GND
NC
PWRGD
PWRGD
VOUT
VOUT
1
2
3
4
5
6
12
11
10
9
8
7
LTC4264
NC
13
D15 B2100
PWRGD
VOUT
–
VOUT
+
OUT TO DC/DC
CONVERTER
R12
100k
RCLASS
22.1
Ω
1%
R21
100k
R7
75
Ω
R18
100k
D8
D9
B2100 4 PLCS
B2100 4 PLCS
T3 ETH1-230LD
D7
TO
PHY
D6
D4
D5
D3
D2
1
2
3
4
5
6
14
PD IN
36V TO 57V
J1
SS-6488-NF-K1
13
12
11
10
9
R14
100k
C8
0.1
µF
100V
C16
0.01
µF
200V
C17
1000pF
2kV
R6
75
Ω
C15
0.01
µF
200V
D1
SMAJ58A
Q5
FMMT23
C5
12
µF
100V
D12 B2100
AC ADAPTER
24V
30W
+
–
•
•
•
•
•
•
•
•
•
•
•
•
R5
75
Ω
C14
0.01
µF
200V
R4
75
Ω
IN
FROM
HIGH
POWER
PSE
C13
0.01
µF
200V
1
2
3
6
4
5
7
8
LTC4264 with Auxiliary Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com