Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4264IDE Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4264IDE
Description  High Power PD Interface Controller with 750mA Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264IDE Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4264IDE Datasheet HTML 5Page - Linear Technology LTC4264IDE Datasheet HTML 6Page - Linear Technology LTC4264IDE Datasheet HTML 7Page - Linear Technology LTC4264IDE Datasheet HTML 8Page - Linear Technology LTC4264IDE Datasheet HTML 9Page - Linear Technology LTC4264IDE Datasheet HTML 10Page - Linear Technology LTC4264IDE Datasheet HTML 11Page - Linear Technology LTC4264IDE Datasheet HTML 12Page - Linear Technology LTC4264IDE Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC4264
9
4264f
APPLICATIONS INFORMATION
DETECTION V1
CLASSIFICATION
UVLO
TURN-ON
UVLO
OFF
POWER
BAD
UVLO
OFF
UVLO
ON
UVLO
TURN-OFF
τ = RLOAD C1
PWRGD TRACKS
VIN
DETECTION V2
–10
TIME
–20
–30
–40
–50
–10
TIME
–20
–30
–40
–50
–10
TIME
–20
–30
–40
–50
20
10
ICLASS
ILIMIT_HIGH
ILIMIT_LOW
dV
dt
ILIMIT_LOW
C1
=
POWER
BAD
POWER
BAD
POWER
BAD
TIME
TIME
POWER
GOOD
POWER
GOOD
DETECTION I1
CLASSIFICATION
DETECTION I2
LOAD, ILOAD
(UP TO ILIMIT_HIGH)
4264 F03
ICLASS DEPENDENT ON RCLASS SELECTION
ILIMIT_LOW = 300mA, ILIMIT_HIGH = 750mA
I1 =
V1 – 2 DIODE DROPS
25k
Ω
ILOAD =
VIN
RLOAD
I2 =
V2 – 2 DIODE DROPS
25k
Ω
GND
PSE
IIN
RLOAD
RCLASS
VOUT
C1
GND
RCLASS
PWRGD
PWRGD
LTC4264
VOUT
VIN
Figure 3. Output Voltage, PWRGD, PWRGD and
PD Current as a Function of Input Voltage
SERIES DIODES
The IEEE 802.3af-defined operating modes for a PD refer-
ence the input voltage at the RJ45 connector on the PD.
The PD must be able to handle power received in either
polarity. For this reason, it is common to install diode
bridges BR1 and BR2 between the RJ45 connector and
the LTC4264 (Figure 4). The diode bridges introduce an
offset that affects the threshold points for each range of
operation. The LTC4264 meets the IEEE 802.3af-defined
operating modes by compensating for the diode drops
in the threshold points. For the signature, classification,
and the UVLO thresholds, the LTC4264 extends two diode
drops below the IEEE 802.3af specifications. Note that
the voltage ranges specified in the LTC4264 Electrical
Specifications are referenced with respect to the IC pins.
The LTC4264 threshold points support the use of either
traditional or Schottky diode bridges.
DETECTION
During detection, the PSE will apply a voltage in the range
of –2.8V to –10V on the cable and look for a 25k signature
resistor. This identifies the device at the end of the cable
as a PD. With the PSE voltage in the detection range, the
LTC4264 presents an internal 25k resistor between the GND
and VIN pins. This precision, temperature-compensated
resistor provides the proper characteristics to alert the PSE
that a PD is present and requests power to be applied.
The IEEE 802.3af specification requires the PSE to use
a
ΔV/ΔI measurement technique to keep the DC offset
voltage of the diode bridge from affecting the signature
resistance measurement. However, the diode resistance
appears in series with the signature resistor and must
be included in the overall signature resistance of the PD.
The LTC4264 compensates for the two series diodes in
the signature path by offsetting the internal resistance so
that a PD built with the LTC4264 meets the IEEE 802.3af
specification.
In some designs that include an auxiliary power option,
such as an external wall adapter, it is necessary to control
whether or not the PD is detected by a PSE. With the
LTC4264, the 25k signature resistor can be enabled or
disabled with the SHDN pin (Figure 5). Taking the SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com