Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4264IDE Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4264IDE
Description  High Power PD Interface Controller with 750mA Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264IDE Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4264IDE Datasheet HTML 13Page - Linear Technology LTC4264IDE Datasheet HTML 14Page - Linear Technology LTC4264IDE Datasheet HTML 15Page - Linear Technology LTC4264IDE Datasheet HTML 16Page - Linear Technology LTC4264IDE Datasheet HTML 17Page - Linear Technology LTC4264IDE Datasheet HTML 18Page - Linear Technology LTC4264IDE Datasheet HTML 19Page - Linear Technology LTC4264IDE Datasheet HTML 20Page - Linear Technology LTC4264IDE Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC4264
17
4264f
RX –
6
RX +
3
TX –
2
TX +
RJ45
T1
1
7
8
5
4
SPARE –
+
–
SPARE+
ISOLATED
WALL
TRANSFORMER
TO PHY
GND
OPTION 1: AUXILIARY POWER INSERTED BEFORE LTC4264
OPTION 2: AUXILIARY POWER INSERTED AFTER LTC4264 WITH SIGNATURE DISABLED
VIN
VOUT
VWW
VWW
VWW
D8
S1B
D3
SMAJ58A
TVS
C1
• 42V
≤ VWW ≤ 57V
• NO POWER PRIORITY ISSUES
• LTC4264 CURRENT LIMITS FOR BOTH PoE AND VWW
• 42V
≤ VWW ≤ 57V
• NO POWER PRIORITY ISSUES
• NO LTC4264 CURRENT LIMITS FOR VWW
• VWW ANY VOLTAGE BASED ON PD LOAD
• REQUIRES EXTRA DIODE
• SEE APPS REGARDING POWER PRIORITY
PD
LOAD
C14
0.1
µF
100V
RX –
6
RX +
3
TX –
2
TX +
RJ45
T1
1
7
8
5
4
SPARE –
+
–
SPARE+
ISOLATED
WALL
TRANSFORMER
TO PHY
GND
LTC4264
LTC4264
BR2
~
~
+
–
BR1
~
~
+
–
BR1
~
~
+
–
VIN
SHDN
BSS63
100k
100k
VOUT
D10
S1B
D3
SMAJ58A
TVS
C1
PD
LOAD
D9
S1B
OPTION 3: AUXILIARY POWER APPLIED TO LTC4264 AND PD LOAD
RX –
6
RX +
3
TX –
2
TX +
RJ45
T1
1
7
8
5
4
SPARE –
+
–
SPARE+
ISOLATED
WALL
TRANSFORMER
TO PHY
GND
LTC4264
VIN
VOUT
D10
S1B
D3
SMAJ58A
TVS
C1
PD
LOAD
C14
0.1
µF
100V
C14
0.1
µF
100V
BR2
~
~
+
–
BR1
~
~
+
–
OPTION 4: AUXILIARY POWER APPLIED TO ISOLATED LOAD
BR2
~
~
+
–
VWW
• VWW ANY VOLTAGE BASED ON PD LOAD
• SEE APPS REGARDING POWER PRIORITY
• BEST ISOLATION
RX –
6
RX +
3
TX –
2
TX +
RJ45
T1
1
7
8
5
4
SPARE –
+
–
SPARE+
ISOLATED
WALL
TRANSFORMER
TO PHY
GND
LTC4264
BR1
~
~
+
–
VIN
SHDN
VOUT
D3
SMAJ58A
TVS
C1
DRIVE
LOAD
C14
0.1
µF
100V
BR2
~
~
+
–
ISOLATED DC/DC CONVERTER
APPLICATIONS INFORMATION
Figure 10. Interfacing Auxiliary Power Source to the PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com