Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4264IDE Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4264IDE
Description  High Power PD Interface Controller with 750mA Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264IDE Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4264IDE Datasheet HTML 9Page - Linear Technology LTC4264IDE Datasheet HTML 10Page - Linear Technology LTC4264IDE Datasheet HTML 11Page - Linear Technology LTC4264IDE Datasheet HTML 12Page - Linear Technology LTC4264IDE Datasheet HTML 13Page - Linear Technology LTC4264IDE Datasheet HTML 14Page - Linear Technology LTC4264IDE Datasheet HTML 15Page - Linear Technology LTC4264IDE Datasheet HTML 16Page - Linear Technology LTC4264IDE Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4264
13
4264f
During the inrush event as C1 is being charged, a large
amount of power is dissipated in the MOSFET. The LTC4264
is designed to accept this load and is thermally protected
to avoid damage to the onboard power MOSFET. If a
thermal overload does occur, the power MOSFET turns
off, allowing the die to cool. Once the die has returned to
a safe temperature, the LTC4264 automatically switches
to ILIMIT_LOW, and load capacitor C1 charging resumes.
The LTC4264 has the option of disabling the normal operat-
ing input current limit, ILIMIT_HIGH, for custom high power
PoE applications. To disable the current limit, connect
ILIM_EN to VIN. To protect the LTC4264 from damage when
the normal current limit is disabled, a safeguard current
limit, ILIMIT_DISA keeps the current below destructive
levels, typically 1.4A. Note that continuous operation at
or near the safeguard current limit will rapidly overheat
the LTC4264, engaging the thermal protection circuit. For
normal operations, float the ILIM_EN pin. The LTC4264
maintains the ILIMIT_LOW inrush current limit for charging
the load capacitor regardless of the state of ILIM_EN. The
operation of the ILIM_EN pin is summarized in Table 3.
Table 3. Current Limit as a Function of ILIM_EN
STATE OF ILIM_EN
INRUSH CURRENT
LIMT
OPERATING INPUT
CURRENT LIMIT
Floating
ILIMIT_LOW
ILIMT_HIGH
Tied to VIN
ILIMIT_LOW
ILIMIT_DISA
POWER GOOD
The LTC4264 includes complementary power good outputs
(Figure 8) to simplify connection to any DC/DC converter.
Power Good is asserted at the end of the inrush event when
load capacitor C1 is fully charged and the DC/DC converter
can safely begin operation. The power good signal stays
active during normal operation and is de-asserted at power
off when the port drops below the UVLO threshold or in
the case of a thermal overload event.
For PD designs that use a large load capacitor and also
consume a lot of power, it is important to delay activa-
tion of the DC/DC converter with the power good signal.
If the converter is not disabled during the current-limited
turn-on sequence, the DC/DC converter will rob current
intended for charging up the load capacitor and create a
slow rising input, possibly causing the LTC4264 to go into
thermal shutdown.
APPLICATIONS INFORMATION
4264 BD
BOLD LINE INDICATES HIGH CURRENT PATH
PWRGD
POWER
NOT
GOOD
INRUSH COMPLETE
AND NOT IN THERMAL SHUTDOWN
VIN < UVLO OFF
OR THERMAL SHUTDOWN
POWER
GOOD
9
PWRGD
LTC4264
10
VOUT
8
VOUT
7
VIN 6
VIN
REF
UVLO
THERMAL SD
5
CONTROL
CIRCUIT
Figure 8. LTC4264 Power Good Functional and State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com