Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4264IDE Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4264IDE
Description  High Power PD Interface Controller with 750mA Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264IDE Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4264IDE Datasheet HTML 7Page - Linear Technology LTC4264IDE Datasheet HTML 8Page - Linear Technology LTC4264IDE Datasheet HTML 9Page - Linear Technology LTC4264IDE Datasheet HTML 10Page - Linear Technology LTC4264IDE Datasheet HTML 11Page - Linear Technology LTC4264IDE Datasheet HTML 12Page - Linear Technology LTC4264IDE Datasheet HTML 13Page - Linear Technology LTC4264IDE Datasheet HTML 14Page - Linear Technology LTC4264IDE Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC4264
11
4264f
APPLICATIONS INFORMATION
During classification, the PSE presents a fixed voltage
between –15.5V and –20.5V to the PD (Figure 6). With
the input voltage in this range, the LTC4264 asserts a load
current from the GND pin through the RCLASS resistor. The
magnitude of the load current is set with the selection of
the RCLASS resistor. The resistor value associated with
each class is shown in Table 2.
Table 2. Summary of IEEE 802.3af Power Classifications and
LTC4264 RCLASS Resistor Selection
CLASS
USAGE
MAXIMUM
POWER LEVELS
AT INPUT OF PD
(W)
NOMINAL
CLASSIFICATION
LOAD CURRENT
(mA)
LTC4264
RCLASS
RESISTOR
(
Ω, 1%)
0
Default
0.44 to 12.95
<5
Open
1
Optional
0.44 to 3.84
10.5
124
2
Optional
3.84 to 6.49
18.5
69.8
3
Optional
6.49 to 12.95
28
45.3
4
Reserved by IEEE. See Apps
40
30.9
5
Undefined IEEE. See Apps
56
22.1
A substantial amount of power is dissipated in the LTC4264
during classification. The IEEE 802.3af specification limits
the classification time to 75ms in order avoid excessive
heating. The LTC4264 is designed to handle the power
dissipation during the probe period. If the PSE probing
exceeds 75ms, the LTC4264 may overheat. In this situa-
tion, the thermal protection circuit will engage and disable
the classification current source, protecting the LTC4264
from damage. When the die cools, classification is auto-
matically resumed.
Classification presents a challenging stability problem
for the PSE due to the wide range of loads possible. The
LTC4264 has been designed to avoid PSE interoperability
problems by maintaining a positive I-V slope throughout
the signature and classification ranges up to UVLO turn-
on as shown in Figure 6b. The positive I-V slope avoids
areas of negative resistance and helps prevent the PSE
from power cycling or getting “stuck” during signature
or classification probing. In the event a PSE overshoots
beyond the classification voltage range, the available load
current aids in returning the PD back into the classification
voltage range. (The PD input may otherwise be “trapped”
by a reverse-biased diode bridge and the voltage held by
the 0.1µF capacitor.) By gently ramping the classification
current on and maintaining a positive I-V slope until UVLO
turn-on, the LTC4264 provides a well behaved load, as-
suring interoperability with any PSE.
GND
RCLASS
VIN
LTC4264
CONSTANT
LOAD
CURRENT
INTERNAL
TO LTC4264
4264 F06a
RCLASS
CURRENT PATH
V
PD
PSE
PSE CURRENT MONITOR
PSE
PROBING
VOLTAGE
SOURCE
–15.5V TO –20.5V
INPUT VOLTAGE (V)
0
–40
4264 F06b
–10
–20
–30
Figure 6a. PSE Probing PD During Classification
Figure 6b. LTC4264 Positive I-V Slope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com