Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4264IDE Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4264IDE
Description  High Power PD Interface Controller with 750mA Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264IDE Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4264IDE Datasheet HTML 6Page - Linear Technology LTC4264IDE Datasheet HTML 7Page - Linear Technology LTC4264IDE Datasheet HTML 8Page - Linear Technology LTC4264IDE Datasheet HTML 9Page - Linear Technology LTC4264IDE Datasheet HTML 10Page - Linear Technology LTC4264IDE Datasheet HTML 11Page - Linear Technology LTC4264IDE Datasheet HTML 12Page - Linear Technology LTC4264IDE Datasheet HTML 13Page - Linear Technology LTC4264IDE Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC4264
10
4264f
APPLICATIONS INFORMATION
RX –
6
RX +
3
TX –
2
TX +
RJ45
T1
POWERED
DEVICE (PD)
INTERFACE
AS DEFINED
BY IEEE 802.3af
4264 F04
1
7
8
5
4
SPARE –
SPARE+
TO PHY
BR2
0.1
µF
100V
BR1
GND
D3
LTC4264
VIN
Figure 4. PD Front End Using Diode Bridges on Main and Spare Inputs
pin high will reduce the signature resistor to 10k which is
an invalid signature per the IEEE 802.3af specifications.
This will prevent a PSE from detecting and powering the
PD. This invalid signature is present in the PSE probing
range of –2.8V to –10V. When the input rises above –10V,
the signature resistor reverts to 25k to minimize power
dissipation in the LTC4264. To disable the signature, tie
SHDN to GND. Alternately, the SHDN pin can be driven
high with respect to VIN. When SHDN is high, all functions
are disabled. For normal operation tie SHDN to VIN.
CLASSIFICATION
Once the PSE has detected a PD, the PSE may option-
ally classify the PD. Classification provides a method for
more efficient allocation of power by allowing the PSE
to identify lower-power PDs and assign the appropriate
power level to these devices. For each class, there is an
associated load current that the PD asserts onto the line
during classification probing. The PSE measures the PD
load current in order to assign the proper PD classifica-
tion. Class 0 is included in the IEEE 802.3af specification
to cover PDs that do not support classification. Class 1-3
partition PDs into three distinct power ranges as shown in
Table 2. Class 4 is reserved by the IEEE 802.3af committee
for future use. The new Class 5 defined here is available
for system vendors to implement a unique classification
for use in closed systems and is not defined or supported
by the IEEE 802.3af. With the extended classification
range available in the LTC4264, it is possible for system
designers to define multiple classes using load currents
between 40mA and 75mA.
GND
VIN
SHDN
LTC4264
SIGNATURE DISABLE
4264 F05
25k SIGNATURE
RESISTOR
16k
TO
PSE
Figure 5. 25k Signature Resistor with Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com