Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4264IDE Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4264IDE
Description  High Power PD Interface Controller with 750mA Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264IDE Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4264IDE Datasheet HTML 16Page - Linear Technology LTC4264IDE Datasheet HTML 17Page - Linear Technology LTC4264IDE Datasheet HTML 18Page - Linear Technology LTC4264IDE Datasheet HTML 19Page - Linear Technology LTC4264IDE Datasheet HTML 20Page - Linear Technology LTC4264IDE Datasheet HTML 21Page - Linear Technology LTC4264IDE Datasheet HTML 22Page - Linear Technology LTC4264IDE Datasheet HTML 23Page - Linear Technology LTC4264IDE Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC4264
21
4264f
APPLICATIONS INFORMATION
VOUT, to avoid the possibility of leakage shutting down the
LTC4264. If not used, tie SHDN to VIN.
The load capacitor connected between GND and VOUT
of the LTC4264 can store significant energy when fully
charged. The design of a PD must ensure that this en-
ergy is not inadvertently dissipated in the LTC4264. The
polarity-protection diodes prevent an accidental short
on the cable from causing damage. However, if the VIN
pin is shorted to GND inside the PD while the capacitor
is charged, current will flow through the parasitic body
diode of the internal MOSFET and may cause permanent
damage to the LTC4264.
ELECTRO STATIC DISCHARGE AND SURGE
PROTECTION
The LTC4264 is specified to operate with an absolute
maximum voltage of –90V and is designed to tolerate brief
over-voltage events. However, the pins that interface to the
outside world (primarily VIN and GND) can routinely see
peak voltages in excess of 10kV. To protect the LTC4264,
it is highly recommended that the SMAJ58A unidirectional
58V transient voltage suppressor be installed between the
diode bridge and the LTC4264 (D3 in Figure 4).
ISOLATION
The 802.3 standard requires Ethernet ports to be electrically
isolated from all other conductors that are user accessible.
This includes the metal chassis, other connectors and
any auxiliary power connection. For PDs, there are two
common methods to meet the isolation requirement. If
there will be any user accessible connection to the PD,
then an isolated DC/DC converter is necessary to meet
the isolation requirements. If user connections can be
avoided, then it is possible to meet the safety requirement
by completely enclosing the PD in an insulated housing.
In all PD applications, there should be no user accessible
electrical connections to the LTC4264 or support circuitry
other than the RJ-45 port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com