Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4264IDE Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4264IDE
Description  High Power PD Interface Controller with 750mA Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264IDE Datasheet(HTML) 1 Page - Linear Technology

  LTC4264IDE Datasheet HTML 1Page - Linear Technology LTC4264IDE Datasheet HTML 2Page - Linear Technology LTC4264IDE Datasheet HTML 3Page - Linear Technology LTC4264IDE Datasheet HTML 4Page - Linear Technology LTC4264IDE Datasheet HTML 5Page - Linear Technology LTC4264IDE Datasheet HTML 6Page - Linear Technology LTC4264IDE Datasheet HTML 7Page - Linear Technology LTC4264IDE Datasheet HTML 8Page - Linear Technology LTC4264IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC4264
1
4264f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Power PD Interface
Controller with 750mA
Current Limit
The LTC
®4264 is an integrated Powered Device (PD) in-
terface controller intended for IEEE 802.3af Power over
Ethernet (PoE) and high power PoE applications up to 35W.
By including a precision dual current limit, the LTC4264
keeps inrush below the IEEE802.3af current limit levels
to ensure interoperability success while allowing for high
power PD operation. The LTC4264 includes a field-proven
power MOSFET delivering up to 750mA to the PD load while
maintaining compliance with the IEEE802.3af standard.
Complementary power good outputs allow the LTC4264 to
interface directly with a host of DC/DC converter products.
The LTC4264 provides a complete signature and power
interface solution for PD designs by incorporating the 25k
signature resistor, classification circuitry, input current
limit, undervoltage lockout, thermal overload protection,
signature disable and power good signaling.
The LTC4264 PD interface controller can be used along with
a variety of Linear Technology DC/DC converter products
to provide a complete, cost effective power solution for
high power PD applications.
The LTC4264 is available in the space-saving low profile
(4mm
× 3mm) DFN package.
■ Complete High Power PD Interface Controller
■ IEEE 802.3af
® Compliant
■ Onboard 750mA Power MOSFET
■ Complementary Power Good Outputs
■ Flexible Auxiliary Power Options
■ Precision Dual Current Limit with Disable
■ Programmable Classification Current to 75mA
■ Onboard 25k Signature Resistor with Disable
■ Undervoltage Lockout
■ Complete Thermal Overload Protection
■ Available in Low Profile (4mm
× 3mm) DFN Package
■ 802.11n Access Points
■ High Power VoIP Video Phones
■ RFID Reader Systems
■ PTZ Security Cameras and Surveillance Equipment
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
GND
RCLASS
ILIM_EN
SHDN
RCLASS
SMAJ58A
–54V FROM
DATA PAIR
–54V FROM
SPARE PAIR
0.1
µF
PWRGD
PWRGD
LTC4264
VIN
RUN
5
µF
MIN
3.3V
TO LOGIC
RTN
SWITCHING
POWER
SUPPLY
VIN
VOUT
4264 TA01a
+
–
+
~
~
+
–
~
~
+
–
DF1501S
DF1501S
VIN
50V/DIV
VOUT
50V/DIV
PWRGD – VOUT
50V/DIV
IIN
200mA/DIV
TIME (5ms/DIV)
4264 TA01b
CLOAD = 100µF
Turn On vs Time


Similar Part No. - LTC4264IDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4264 LINER-LTC4264 Datasheet
671Kb / 28P
Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4264 LINER-LTC4264 Datasheet
504Kb / 42P
Synchronous No-Opto Flyback Controller
LTC4264 LINER-LTC4264_15 Datasheet
314Kb / 24P
High Power PD Interface Controller with 750mA Current Limit
More results

Similar Description - LTC4264IDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257-1 LINER-LTC4257-1 Datasheet
267Kb / 20P
Power over Ethernet Interface Controller with Dual Current Limit
logo
Texas Instruments
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
Linear Technology
LTC4257-1 LINER-LTC4257-1_15 Datasheet
276Kb / 20P
Power over Ethernet Interface Controller with Dual Current Limit
LTC4264 LINER-LTC4264_15 Datasheet
314Kb / 24P
High Power PD Interface Controller with 750mA Current Limit
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
694Kb / 16P
PD Interface Controller
logo
Microchip Technology
PD70210 MICROCHIP-PD70210 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com