Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2926IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2926IGN
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2926IGN Datasheet HTML 6Page - Linear Technology LTC2926IGN Datasheet HTML 7Page - Linear Technology LTC2926IGN Datasheet HTML 8Page - Linear Technology LTC2926IGN Datasheet HTML 9Page - Linear Technology LTC2926IGN Datasheet HTML 10Page - Linear Technology LTC2926IGN Datasheet HTML 11Page - Linear Technology LTC2926IGN Datasheet HTML 12Page - Linear Technology LTC2926IGN Datasheet HTML 13Page - Linear Technology LTC2926IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC2926
10
2926fa
Power Supply Tracking and Sequencing
The LTC2926 handles a variety of power-up profiles to
satisfy the requirements of digital logic circuits including
FPGAs, PLDs, DSPs and microprocessors. These require-
ments fall into one of the four general categories illustrated
in Figures 1 to 4.
Some applications require that the potential difference
between two power supplies must never exceed a speci-
fied voltage. This requirement applies during power-up
and power-down as well as during steady-state operation,
often to prevent destructive latch-up in a dual supply IC.
Typically, this is achieved by ramping the supplies up
and down together (Figure 1). In other applications it is
desirable to have the supplies ramp up and down ratio-
metrically (Figure 2) or with fixed voltage offsets between
them (Figure 3).
Certain applications require one supply to come up after
another. For example, a system clock may need to start
before a block of logic. In this case, the supplies are se-
quenced as in Figure 4, where the 1.8V supply ramps up
completely followed by the 2.5V supply.
Operation
The LTC2926 provides a simple solution to allow all of
the power supply tracking and sequencing profiles shown
in Figures 1 to 4. A single LTC2926 controls up to three
supplies: two “slave” supplies that track a “master” signal.
With just four resistors and an external N-channel MOSFET,
each slave supply is configured to ramp up and down as
a function of the master signal. This master signal can
be a third supply that is ramped up through an external
MOSFET, whose ramp rate is set with a single capacitor,
or it can be a signal generated by tying the MGATE and
RAMP pins together to an external capacitor.
Tracking Cell and Gate Controller Cell
The LTC2926’s operation is based on the combination of
a tracking cell and a gate controller cell that is shown in
Figure 5. The tracking cell servos the TRACK pin at 0.8V,
and the current supplied by the TRACK pin is mirrored at the
FB pin. The gate controller cell servos the FB pin at 0.8V by
driving the gate of the external N-channel MOSFET (QEXT),
and establishes the slave output voltage at the source of
the MOSFET based on the TRACK pin current and resistors
Figure 4. Supply Sequencing
Figure 3. Offset Tracking
Figure 2. Ratiometric Tracking
Figure 1. Coincident Tracking
APPLICATIO S I FOR ATIO
2926 F01
500mV/DIV
MASTER
SLAVE2
SLAVE1
5ms/DIV
2926 F02
500mV/DIV
SLAVE2
SLAVE1
5ms/DIV
2926 F04
500mV/DIV
SLAVE2
SLAVE1
5ms/DIV
2926 F03
500mV/DIV
MASTER
SLAVE2
SLAVE1
5ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com