Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2926IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2926IGN
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2926IGN Datasheet HTML 11Page - Linear Technology LTC2926IGN Datasheet HTML 12Page - Linear Technology LTC2926IGN Datasheet HTML 13Page - Linear Technology LTC2926IGN Datasheet HTML 14Page - Linear Technology LTC2926IGN Datasheet HTML 15Page - Linear Technology LTC2926IGN Datasheet HTML 16Page - Linear Technology LTC2926IGN Datasheet HTML 17Page - Linear Technology LTC2926IGN Datasheet HTML 18Page - Linear Technology LTC2926IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC2926
15
2926fa
through the power good timeout period, a fault and retry
will subsequently occur.
To ensure a consistent power good timeout period, the
LTC2926 requires the PGTMR pin voltage to fall below 0.1V
for the fault latch reset to complete. The ON pin needs to be
held low for only 10µs to initiate fault reset; it is allowed to
go high while the timing capacitor on PGTMR discharges
to 0.1V (see Functional Block Diagram).
When a resistive voltage divider drives the ON and FAULT
pins together, include the contribution of IFAULT(UP) when
choosing the resistor values (Figure 10a). When a logic
output drives both pins, up to 30k
Ω of series resistance
may be added to limit the output current while the fault
pull-down is active (Figure 10b).
Automatic Remote Sense Switching
The LTC2926 provides integrated remote sense switches
that solve the problem of voltage drops in the external series
MOSFETs that control supply ramping. A switch creates
a feedback path from a slave supply output to the slave
supply generator sense input that allows the generator
to compensate for the I • R drop across the controlling
MOSFET (see, for example, Figure 6). After the supply
ramping is complete, but before the internal pull-down
releases the STATUS/PGI pin, the two integrated remote
sense switches are closed.
For applications that require more than two remote sense
switches, connect the RSGATE pin to the gates of additional
external N-channel MOSFETs. An internal charge pump
guarantees that RSGATE will reach VCC + 5.5V, which al-
lows full enhancement of logic-level MOSFETs with source
or drain voltages up to VCC.
The switches are open when supply ramping has not
completed to avoid creating a power path between the
supply generator and the load. When the remote sense
switches are open, the supply generator’s sense input must
be connected locally to its output through a resistor that
is much larger than the remote sense switch resistance
of 10
Ω (max); a 100Ω resistor is adequate for most ap-
plications as in Figure 7.
Some supply modules have built-in resistors of 10
Ω or
less between their out and sense pins, which may require
a lower switch resistance. Choose an external N-channel
MOSFET with an RDS(on) that is at most 1/10 the module
out-to-sense resistance, but that is still much larger than
the RDS(on) of the power path MOSFET.
If neither external remote sense switches nor a sta-
tus activation delay is required, leave the RSGATE pin
unconnected.
APPLICATIO S I FOR ATIO
Figure 10. Fault Retry Configurations, (a) Resistive Voltage
Divider and (b) Logic Driven
RONB
RONA
LTC2926
GND
ON
VCC
FAULT
VIN
VON
QS
R
FAULT LATCH
VCC
IFAULT(UP)
RSERIES
LIMIT IOUT WITH RSERIES
RSERIES ≤ 30kΩ
IOUT
2926 F10
LTC2926
GND
ON
VCC
FAULT
VIN
QS
R
FAULT LATCH
VCC
IFAULT(UP)
(a)
(b)
VON =
• VIN
RONA
RONA + RONB
+ (RONA || RONB) • IFAULT(UP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com