Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2926IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2926IGN
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2926IGN Datasheet HTML 12Page - Linear Technology LTC2926IGN Datasheet HTML 13Page - Linear Technology LTC2926IGN Datasheet HTML 14Page - Linear Technology LTC2926IGN Datasheet HTML 15Page - Linear Technology LTC2926IGN Datasheet HTML 16Page - Linear Technology LTC2926IGN Datasheet HTML 17Page - Linear Technology LTC2926IGN Datasheet HTML 18Page - Linear Technology LTC2926IGN Datasheet HTML 19Page - Linear Technology LTC2926IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC2926
16
2926fa
Considerations when Using Remote Sense Switches
Consider the supply and sense path detail functional
diagram and equivalent circuit in Figure 11. For proper
compensation of the I • R drop across the external control
MOSFET Q0 by the supply module, the voltage at its sense
pin input must be equal to the supply voltage at the load.
Solving for VSENSE in the equivalent circuit yields:
V
R
RR
V
R
RR
SENSE
X
XSW
SUPPLY
SW
XSW
=
+
⎛
⎝⎜
⎞
⎠⎟
•+
+
⎛
⎝⎜
⎞
⎠⎠⎟
• VOUT
For the best compensation, i.e., VSENSE ≈ VSUPPLY, choose
RX >> RSW.
The remote sense switch is intended to be a low-current
voltage feedback path. The control MOSFET (Q0 in Figure
11a) should carry all but a tiny fraction of the entire load
current. The remote sense switch current is:
II
R
RR
R
SW
LOAD
DS
XSW
DS
=•
++
⎛
⎝⎜
⎞
⎠⎟
To minimize switch current, choose RX >> RDS. In appli-
cations that use the LTC2926’s integrated remote sense
switches, ISW must not exceed the Absolute Maximum
Ratings for switch pin currents.
It is recommended design practice to satisfy both
resistance value conditions.
SGATE Voltage at Ramp Start/End
When the master ramp is 0V (before ramp up or after
ramp down), the control MOSFET ideally conducts no
current. If the tracking profile has no delay or offset, the
gate control loops may force the SGATE pins either to
ground or to just below the MOSFET threshold voltage,
depending on reference offsets, resistor mismatches and
the load resistance. In both cases the slave load will be at
about 0V, but if a known state of SGATE is desired, include
an offset in the tracking profile.
To guarantee grounding of the SGATE pins at RAMP = 0V,
include a positive offset, VOS, based on the maximum slave
supply voltage, VSLAVE(max), and the tracking/feedback
resistor tolerance. Note that at the start of ramp up, the
gate capacitance of the MOSFET must be charged to the
threshold voltage before the source begins ramping. The
SGATE pins do provide extra current to speed the initial
charging.
Calculate the required VOS from:
VOS ≥ k • VSLAVE(max)
For 1% resistors k = 1/8, for 5% resistors k = 1/4, for
10% resistors k = 2/5.
To guarantee the SGATE pins sit at the MOSFET threshold
voltages at RAMP = 0V, include a negative offset. Note that
when the master ramp goes to 0V, the slave supplies will
remain above ground by the magnitude of the offset.
Calculate the required VOS from:
VOS ≤ –k • VSLAVE(max)
Figure 11. Supply and Sense Path Detail, (a) Functional Diagram
and (b) Equivalent Circuit When Remote Sense Switch Is Closed
APPLICATIO S I FOR ATIO
LOAD
2926 F11
OUT
SENSE
MGATE
RSGATE
(a)
RX
ISW
SUPPLY
MODULE
+ VDS –
Q0
Q3
MASTER
SUPPLY
IL
VOUT
VSENSE
(b)
RX
ISW
RSW
+ VDS –
RDS
VSUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com