Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2926IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2926IGN
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2926IGN Datasheet HTML 2Page - Linear Technology LTC2926IGN Datasheet HTML 3Page - Linear Technology LTC2926IGN Datasheet HTML 4Page - Linear Technology LTC2926IGN Datasheet HTML 5Page - Linear Technology LTC2926IGN Datasheet HTML 6Page - Linear Technology LTC2926IGN Datasheet HTML 7Page - Linear Technology LTC2926IGN Datasheet HTML 8Page - Linear Technology LTC2926IGN Datasheet HTML 9Page - Linear Technology LTC2926IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC2926
6
2926fa
VCC (V)
2.5
6.0
2926 G12
3.0
3.5
4.0
4.5
5.0
5.5
250
200
150
100
50
0
STATUS/PGI PIN
FAULT PIN
ISTATUS/PGI = 5mA
IFAULT = 5mA
RAMPBUF Output High Voltage vs
Temperature
Logic Output Low Voltages vs
Supply Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
RAMPBUF Output Low Voltage vs
Temperature
TEMPERATURE (
°C)
2926 G10
VCC = 5.5V
VCC = 2.9V
–50
25
75
–25
0
50
100
50
30
40
20
10
0
IRAMPBUF = 3mA
TEMPERATURE (
°C)
2926 G11
VCC = 5.5V
VCC = 2.9V
–50
25
75
–25
0
50
100
100
60
80
40
20
0
IRAMPBUF = –3mA
VOH = VCC – VRAMPBUF
Specifications are at TA = 25°C, VCC = 3.3V
unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com