Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2926IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2926IGN
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2926IGN Datasheet HTML 8Page - Linear Technology LTC2926IGN Datasheet HTML 9Page - Linear Technology LTC2926IGN Datasheet HTML 10Page - Linear Technology LTC2926IGN Datasheet HTML 11Page - Linear Technology LTC2926IGN Datasheet HTML 12Page - Linear Technology LTC2926IGN Datasheet HTML 13Page - Linear Technology LTC2926IGN Datasheet HTML 14Page - Linear Technology LTC2926IGN Datasheet HTML 15Page - Linear Technology LTC2926IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC2926
12
2926fa
0.8V
2926 F06
FB1
RAMPBUF
TRACK1
GND
VCC
0.8V
VCC
1x
D1
S1
VCC + 4.9V
SGATE2
10
µA
10
µA
CHARGE
PUMP
TO
RSGATE
PIN
REMOTE SENSE SWITCH
10
µA
10
µA
CHARGE
PUMP
SGATE1
+
+
VCC + 4.9V
SGATE1
+
RAMP + 4.9V
MGATE
+
+
10
µA
10
µA
CHARGE
PUMP
1.23V
+
ON
ON/OFF
MGATE
CMGATE
RAMP
OUT
SUPPLY MODULE
SENSE
RX1
OUT
SUPPLY MODULE
MASTER
SLAVE1
RFB1
RFA1
Q0
Q1
RTB1
RTA1
Figure 6. Simplified Functional Block Diagram
Optional Master Supply MOSFET
Figure 7 illustrates how an optional external N-channel
MOSFET (device Q0) can ramp up a supply that doubles as
the master signal. The MOSFET’s gate is tied to the MGATE
pin and its source is tied to the RAMP pin. The MGATE pin
sources or sinks 10µA to ramp the MOSFET’s gate up or
down at a rate set by the external capacitor connected to
the MGATE pin. The series MOSFET controls any supply
with an output voltage between 0V and VCC.
To compensate for voltage drop across the master supply
MOSFET, add an optional external remote sense switch
(device Q3 in Figure 7) connected between RAMP and the
sense input of the master voltage supply module. Tie the
gate of the external switch MOSFET to the RSGATE pin
for automatic remote sense switching.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com