Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2926IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2926IGN
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC2926IGN Datasheet HTML 1Page - Linear Technology LTC2926IGN Datasheet HTML 2Page - Linear Technology LTC2926IGN Datasheet HTML 3Page - Linear Technology LTC2926IGN Datasheet HTML 4Page - Linear Technology LTC2926IGN Datasheet HTML 5Page - Linear Technology LTC2926IGN Datasheet HTML 6Page - Linear Technology LTC2926IGN Datasheet HTML 7Page - Linear Technology LTC2926IGN Datasheet HTML 8Page - Linear Technology LTC2926IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC2926
4
2926fa
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise specified.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into the device pins are positive; all currents out of
the device pins are negative. All voltages are referenced to ground unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRAMPBUF(OH)
RAMPBUF Pin Output High Voltage
(VCC – VRAMPBUF)
IRAMPBUF = –3mA
60
80
mV
Tracking Channels
IERROR(%)
IFBn to ITRACKn Current Mismatch
(IFBn – ITRACKn)/ITRACKn • 100%
ITRACKn = –10µA
ITRACKn = –1mA
0
0
±3
±3
%
%
VTRACK
TRACK Pins Voltage
ITRACKn = –10µA
ITRACKn = –1mA
0.776
0.776
0.800
0.800
0.824
0.824
V
V
VFB(REF)
FB Pins Internal Reference Voltage
VTRACKn = VCC, IFBn = 0mA
0.784
0.800
0.816
V
IFB(LEAK)
FB Pins Leakage Current
VFBn = 0.8V, VCC = 5.5V
0
±10
nA
VFB(CLAMP)
FB Pins Clamp Voltage
–1mA < IFBn < –1µA
1.7
2.0
2.4
V
Master Ramp and Supply
ΔVMGATE
MGATE Pin External N-Channel Gate
Drive (VMGATE – VCC)
IMGATE = –1µA
5.0
5.5
6.0
V
IMGATE(UP)
MGATE Pin Pull-Up Current
Fault Latch Clear, VON High, VMGATE = 3.3V
–7
–10
–13
µA
IMGATE(DN)
MGATE Pin Pull-Down Current
Fault Latch Clear, VON Low, VMGATE = 3.3V
710
13
µA
IMGATE(FAULT)
MGATE Pin Fault Pull-Down Current
Fault Latch Set, VON High, VMGATE = 5.5V,
VCC = 5.5V
520
50
mA
Slave Supplies
ΔVSGATE
SGATE Pins External N-Channel Gate
Drive (VSGATEn – VCC)
ISGATEn = –1µA, VFBn = 0.75V
5.0
5.5
6.0
V
ISGATE(UP)
SGATE Pins Pull-Up Current
Fault Latch Clear, VFBn = VFB(REF) – 10mV,
VSGATEn = 3.3V
–6
–10
–13
µA
ISGATE(DN)
SGATE Pins Pull-Down Current
Fault Latch Clear, VFBn = VFB(REF) + 10mV,
VSGATEn = 3.3V
610
13
µA
ISGATE(UPFST)
SGATE Pins Fast Pull-Up Current
Fault Latch Clear, VFBn = 0V, VSGATEn = 3.3V
–21
–30
–39
µA
ISGATE(DNFST)
SGATE Pins Fast Pull-Down Current
Fault Latch Clear, VFBn = 1V, VSGATEn = 3.3V
21
30
39
µA
ISGATE(FAULT)
SGATE Pins Fault Pull-Down Current
Fault Latch Set, VON High, VSGATEn = 5.5V,
VCC = 5.5V
520
50
mA
Remote Sense Switches
ΔVRSGATE
RSGATE Pin External N-Channel Gate
Drive (VRSGATE – VCC)
IRSGATE = –1µA
5.0
5.5
6.0
V
IRSGATE(UP)
RSGATE Pin Pull-Up Current
Fault Latch Clear, Switches On, VRSGATE = 0V
–7
–10
–13
µA
IRSGATE(DN)
RSGATE Pin Pull-Down Current
Fault Latch Clear, Switches Off,
VRSGATE = 3.3V
710
13
µA
IRSGATE(FAULT)
RSGATE Pin Fault Pull-Down Current
Fault Latch Set, Switches Off,
VRSGATE = 5.5V, VCC = 5.5V
520
50
mA
VRSGATE(TH)
RSGATE Pin Threshold Voltage
Ramping Completed on Pin Low, RSGATE
Falling
1.10
1.23
1.36
V
RSW(ON)
Remote Sense Switch On-Resistance
Switches On, VDn = VCC + 0.3V, ISn = –10mA
210
Ω
Note 3: The MGATE, SGATE1, SGATE2, RSGATE and STATUS/PGI pins are
internally limited to a minimum of 11.5V. Driving these pins to voltages
beyond the clamp level may damage the part.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com